Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS201
Description  KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 1 Page - Microchip Technology

  HCS201 Datasheet HTML 1Page - Microchip Technology HCS201 Datasheet HTML 2Page - Microchip Technology HCS201 Datasheet HTML 3Page - Microchip Technology HCS201 Datasheet HTML 4Page - Microchip Technology HCS201 Datasheet HTML 5Page - Microchip Technology HCS201 Datasheet HTML 6Page - Microchip Technology HCS201 Datasheet HTML 7Page - Microchip Technology HCS201 Datasheet HTML 8Page - Microchip Technology HCS201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© 2011 Microchip Technology Inc.
DS41098D-page 1
FEATURES
Security
• Programmable 28-bit serial number
• Programmable 64-bit encryption key
• Each transmission is unique
• 66-bit transmission code length
• 32-bit hopping code
• 34-bit fixed code (28-bit serial number,
4-bit button code, 2-bit status)
• Encryption keys are read protected
Operating
• 3.5V-13V operation
(2.0V min. using the Step up feature)
• Three button inputs
• 7 functions available
• Selectable baud rate
• Automatic code word completion
• Battery low signal transmitted to receiver
• Non-volatile synchronization data
Other
• Simple programming interface
• On-chip EEPROM
• On-chip oscillator and timing components
• Button inputs have internal pull-down resistors
• Minimum component count
• Synchronous Transmission mode
• Built-in step up regulator
Typical Applications
• The HCS201 is ideal for Remote Keyless Entry
(RKE) applications. These applications include:
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems
DESCRIPTION
The HCS201 from Microchip Technology Inc. is a code
hopping encoder designed for secure Remote Keyless
Entry (RKE) systems. The HCS201 utilizes the
KEELOQ® code hopping technology, incorporating high
security, a small package outline and low cost. The
HCS201 is a perfect solution for unidirectional remote
keyless entry systems and access control systems.
PACKAGE TYPES
HCS201 BLOCK DIAGRAM
The HCS201 combines a 32-bit hopping code,
generated by a nonlinear encryption algorithm, with a
28-bit serial number and 6 information bits to create a
66-bit code word. The code word length eliminates the
threat of code scanning and the code hopping mecha-
nism makes each transmission unique, thus rendering
code capture and resend schemes useless.
1
2
3
4
8
7
6
5
S0
S1
S2
VDDB
VDD
STEP
DATA
VSS
PDIP, SOIC
VSS
VDD
Oscillator
RESET circuit
Controller
Power
latching
and
switching
Button input port
32-bit shift register
Encoder
EEPROM
DATA
S2 S1 S0
Step Up
Controller
VDDB
VDD
STEP
HCS201
KEELOQ® Code Hopping Encoder


Similar Part No. - HCS201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS201 MICROCHIP-HCS201 Datasheet
395Kb / 28P
Memory Programming Specification
2004
More results

Similar Description - HCS201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS410 MICROCHIP-HCS410_11 Datasheet
1Mb / 46P
KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
2011
HCS362 MICROCHIP-HCS362_11 Datasheet
867Kb / 46P
KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
KEELOQ짰 Code Hopping Decoder
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com