Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS201
Description  KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS201 Datasheet HTML 10Page - Microchip Technology HCS201 Datasheet HTML 11Page - Microchip Technology HCS201 Datasheet HTML 12Page - Microchip Technology HCS201 Datasheet HTML 13Page - Microchip Technology HCS201 Datasheet HTML 14Page - Microchip Technology HCS201 Datasheet HTML 15Page - Microchip Technology HCS201 Datasheet HTML 16Page - Microchip Technology HCS201 Datasheet HTML 17Page - Microchip Technology HCS201 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
HCS201
DS41098D-page 14
© 2011 Microchip Technology Inc.
TABLE 6-1:
PROGRAMMING/VERIFY TIMING REQUIREMENTS
VDD = 5.0V ± 10%, 25
° C ± 5 ° C
Parameter
Symbol
Min.
Max.
Units
Program mode setup time
TPS
25.0
ms
Hold time 1
TPH14.0
ms
Hold time 2
TPH250
μs
Bulk Write time
TPBW
4.0
ms
Program delay time
TPROG
4.0
ms
Program cycle time
TWC
50
ms
Clock low time
TCLKL
50
μs
Clock high time
TCLKH
50
μs
Data setup time
TDS
0—
μs
Data hold time
TDH
18
μs
Data out valid time
TDV
—30
μs
Hold time
TPHOLD
100
μs
Acknowledge low time
TACKL
800
μs
Acknowledge high time
TACKH
800
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com