Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS201
Description  KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 5 Page - Microchip Technology

  HCS201 Datasheet HTML 1Page - Microchip Technology HCS201 Datasheet HTML 2Page - Microchip Technology HCS201 Datasheet HTML 3Page - Microchip Technology HCS201 Datasheet HTML 4Page - Microchip Technology HCS201 Datasheet HTML 5Page - Microchip Technology HCS201 Datasheet HTML 6Page - Microchip Technology HCS201 Datasheet HTML 7Page - Microchip Technology HCS201 Datasheet HTML 8Page - Microchip Technology HCS201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
© 2011 Microchip Technology Inc.
DS41098D-page 5
HCS201
2.0
ENCODER OPERATION
As shown in the typical application circuits (Figure 2-1),
the HCS201 is a simple device to use. It requires only
the addition of buttons and RF circuitry for use as the
transmitter in your security application. A description of
each pin is given in Table 2-1.
FIGURE 2-1:
TYPICAL CIRCUITS
TABLE 2-1:
PIN DESCRIPTIONS
The HCS201 will wake-up upon detecting a button
press and delay approximately 10 ms for button
debounce (Figure 2-2). The synchronization counter,
discrimination value and button information will be
encrypted to form the hopping code. The hopping code
portion will change every transmission, even if the
same button is pushed again. A code word that has
been transmitted will not repeat for more than 64K
transmissions. This provides more than 18 years of use
before a code is repeated; based on 10 operations per
day. Overflow information sent from the encoder can be
used to extend the number of unique transmissions to
more than 192K.
If in the transmit process it is detected that a new but-
ton(s) has been pressed, a RESET will immediately
occur and the current code word will not be completed.
Please note that buttons removed will not have any
effect on the code word unless no buttons remain
pressed; in which case the code word will be completed
and the power-down will occur.
VDD
B0
Tx out
S0
S1
S2
VDDB
STEP
VDD
DATA
VSS
Two button remote control
B1
Tx out
S0
S1
S2
STEP
VDD
DATA
VSS
Four button remote control
B3 B2 B1 B0
Note:
Up to 7 functions can be implemented by pressing
more than one button simultaneously or by using a
suitable diode array.
S0
S1
S2
STEP
VDD
DATA
VSS
VDDB
VDDB
VDD
Tx out
Three button remote control with Step up regulator
VDD
2.0-6.0V
External components sample values:
R = 5.1 K
Ω
L = 390 uH
Q = 2N3904
C = 1.0 uF
D = ZHCS400CT (40V 0.4A Zetex)
(see Section 5.6 for a description of the Step Up circuit)
R
L
D
C
Q
Pin
Name
Pin
Number
Pin Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2 / Clock pin for
Programming mode
VDDB
4
Battery input pin, supplies power
to the step up control circuitry
VSS
5
Ground reference connection
DATA
6
Pulse Width Modulation (PWM)
output pin / Data pin for
Programming mode
STEP
7
Step up regulator switch control
VDD
8
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com