Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28AEC Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
21
Table 25 shows the external devices supported by the EMI.
3.3.2
GPIO I/O DC Parameters
Max load includes capacitive load due to PCB traces, pad capacitance and driver self-loading. For the
internal pull up setting of each pad, see the “Pin Control and GPIO” section of the reference manual.
Table 26 shows the digital pin DC characteristics for GPIO in 3.3-V mode. Measurements are valid for
eight pins loaded using the 4mA driver, four pins loaded using the 8mA driver, and two pins loaded using
either the 12mA or 16mA driver.
Table 25. External Devices Supported by the EMI
DRAM Device
Max Load1, 2
1 Max load includes capacitive load due to PCB traces, pad capacitance and driver self-loading.
2 Setting is for worst case. Freescale’s EMI interface uses less powerful drivers than those typically used in mDDR devices. A
possible transmission-line effect on the PC board must be suppressed by minimizing the trace length combined with
Freescale’s slower edge-rate drivers. The i.MX28 provides up to 16 mA programmable drive strength. However, the 16-mA
mode is an experimental mode. With the 16-mA mode, the EMI function may be impaired by Simultaneous Switching Output
(SSO) noise. In general, the stronger the driver mode, the noisier the on-chip power supply. Freescale recommends not using
a stronger driver mode than is required. Because on-chip power and ground noise is proportional to the inductance of its return
path, users should make their best effort to reduce inductance between the EMI power and ground balls and the PC board
power and ground planes.
Pad Voltage
DDR2
15 pF
1.8 V
mDDR
15 pF
1.8 V
LVDDR2
15 pF
1.5 V
Table 26. Digital Pin DC Characteristics for GPIO in 3.3-V Mode
Parameter
Symbol
Min
Max
Units
Input voltage high (dc)
VIH
2
VDDIO
V
Input voltage low (dc)
VIL
—
0.8
V
Output voltage high (dc)
VOH
0.8
× VDDIO
—
V
Output voltage low (dc)
VOL
—
0.4
V
Output source current1 (dc)
gpio
IOH – Low
-5.0
—
mA
IOH – Medium
-9.5
—
mA
IOH – High
-11.4
—
mA
Output sink current1 (dc)
gpio
IOL – Low
3.8
—
mA
IOL – Medium
7.7
—
mA
IOL – High
9.0
—
mA
Output source current1 (dc)
gpio_clk
IOH – Low
-9.2
—
mA
IOH – High
-15.2
—
mA
Output sink current1 (dc)
gpio_clk
IOL – Low
7.6
—
mA
IOL – High
12.0
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com