Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28AEC Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  IMX28AEC Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
3
•
Power Management Unit (PMU) supports a triple output DC-DC switching converter, multiple
linear regulators, battery charger, and detector.
•
16-channel Low-Resolution A/D Converter (LRADC)
•
4/5-wire touchscreen controller
•
Up to 8X8 keypad matrix with button-detect circuit
•
Single channel High Speed A/D Converter (HSADC), up to 2 Msps data rate
•
Security features:
— Read-only unique ID for Digital Rights Management (DRM) algorithms
— Secure boot using 128-bit AES hardware decryption
— SHA-1 and SHA256 hashing hardware
— High assurance boot (HAB4)
•
Offered in 289-pin Ball Grid Array (BGA)
1.2
Ordering Information & Functional Part Differences
Table 1 provides the ordering information for the i.MX28.
Table 2 provides the functional differences between the i.MX281 and the i.MX285.
Table 1. Ordering Information
Part Number
Projected Temperature Range (
°C)
Package
MCIMX281AVM4B
–40 to +85
14 x 14 mm, 0.8 mm pitch, MAPBGA-289
MCIMX285AVM4B
–40 to +85
14 x 14 mm, 0.8 mm pitch, MAPBGA-289
Table 2. i.MX28 Functional Differences
Function
i.MX281
i.MX285
LCD Interface
—
Yes
Touch Screen
—
Yes
Ethernet
x1
x1
CAN
x2
x2
12-bit ADC
x8
x8
High-speed ADC
x1
x1
USB 2.0
OTG HS with HS PHY x1
OTG HS with HS PHY x1
HS Host with HS PHY x1
HS Host with HS PHY x1
SDIO
x4
x4
SPI
x4
x4
Application UART
x5
x5
Debug UART
x1
x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com