Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28AEC Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 38Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
39
3.5.6
FlexCAN AC Timing
Table 46 and Table 47 show voltage requirements for the FlexCAN transceiver Tx and Rx pins.
Figure 16 through Figure 19 show the FlexCAN timing, including timing of the standby and shutdown
signals.
Figure 16. FlexCAN Timing Diagram
Table 46. Tx Pin Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
High-level output voltage
VOH
2—
Vcc1 + 0.3
1 Vcc = +3.3 V ± 5%
V
Low-level output voltage
VOL
—0.8
—
V
Table 47. Rx Pin Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
High-level input voltage
VIH
0.8
× Vcc1
1 Vcc = +3.3 V ± 5%
—
Vcc1
V
Low-level input voltage
VIL
—0.4
—
V
TXD
VDIFF
RXD
VCC/2
tONTXD
tOFFTXD
tONRXD
tOFFRXD
VCC/2
VCC/2
0.5V
0.9V
VCC/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com