Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28AEC Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
17
3.1.3
Fusebox Supply Current Parameters
Table 19 lists the fusebox supply current parameters.
3.1.4
Interface Frequency Limits
Table 20 provides information for interface frequency limits.
3.1.5
Power Modes
Table 21 describes the core, clock, and module settings for the different power modes of the processor.
Table 18. Frequency vs. Voltage for EMICLK—289-Pin BGA Package
Minimum
VDDD (V)
Minimum
VDDDBrownout (V)
EMICLK Fmax (MHz)
DDR2
mDDR
1.550
1.450
205.71
205.71
1.450
1.350
196.36
196.36
1.350
1.250
196.36
196.36
Table 19. Fusebox Supply Current Parameters
Parameter
Symbol
Min
Typ
Max
Units
eFuse Program Current1
Current to program one eFuse bit
efuse_vddq=2.5V
1 The current I
program is during program time.
Iprogram
21.39
25.05
33.54
mA
eFuse Read Current2
Current to read an 8-bit eFuse word
vdd_fusebox = 3.3 V
2 The current I
read is present for approximately 10 ns of the read access to the 8-bit word.
Iread
—
—
4.07
mA
Table 20. Interface Frequency Limits
Parameter
Min.
Typ.
Max.
Units
JTAG: TCK Frequency of Operation
—
—
10
MHz
OSC24M_XTAL Oscillator
—
24.000
—
MHz
OSC32K_XTAL Oscillator
—
32.768/32.0
—
KHz
Table 21. Power Mode Settings
Core/Clock/Module
Deep-Sleep
Standby
Run
ARM Core
Off
Off
On
USB0 PLL (System PLL)
Off
Off
On
OSC24M
Off
On
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com