Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28AEC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
6
Freescale Semiconductor
Table 4 describes the digital and analog modules of the device.
Table 4. i.MX28 Digital and Analog Modules
Block
Mnemonic
Block Name
Subsystem
Brief Description
APBHDMA
AHB to APBH
Bridge with
DMA
System control
The AHB to APBH bridge with DMA includes the AHB-to-APB PIO bridge for
memory-mapped I/O to the APB devices, as well a central DMA facility for
devices on this bus. The bridge provides a peripheral attachment bus running
on the AHB’s HCLK. (The ‘H’ in APBH denotes that the APBH is synchronous
to HCLK, as compared to APBX, which runs on the crystal-derived XCLK.)
The DMA controller transfers read and write data to and from each peripheral
on APBH bridge.
APBXDMA
AHB to APBX
Bridge with
DMA
System control
The AHB-to-APBX bridge includes the AHB-to-APB PIO bridge for
memory-mapped I/O to the APB devices, as well a central DMA facility for
devices on this bus. The AHB-to-APBX bridge provides a peripheral
attachment bus running on the AHB’s XCLK. (The ‘X’ in APBX denotes that
the APBX runs on a crystal-derived clock, as compared to APBH, which is
synchronous to HCLK.) The DMA controller transfers read and write data to
and from each peripheral on APBX bridge.
ARM9 or
ARM926
ARM926EJ-S
CPU
ARM®
The ARM926 Platform consists of the ARM926EJ-S™ core and the ETM
real-time debug modules. It contains the 16-Kbyte L1 instruction cache,
32-Kbyte L1 data cache, 128-Kbyte ROM and 128-Kbyte RAM.
AUART(5)
Application
UART
interface
Connectivity
peripherals
Each of the UART modules supports the following serial data
transmit/receive protocols and configurations:
• 7- or 8-bit data words, one or two stop bits, programmable parity (even,
odd, or none)
• Programmable baud rates up to 3.25 MHz. This is a higher maximum
baud rate than the 1.875 MHz specified by the TIA/EIA-232-F standard
and previous Freescale UART modules. 16-byte FIFO on Tx and 16-byte
FIFO on Rx supporting auto-baud detection
BCH
Bit-correcting
ECC
accelerator
Connectivity
peripherals
The Bose, Ray-Chaudhuri, Hocquenghem (BCH) Encoder and Decoder
module is capable of correcting from 2 to 20 single bit errors within a block of
data no larger than about 900 bytes (512 bytes is typical) in applications such
as protecting data and resources stored on modern NAND flash devices.
BSI
Boundary
Scan Interface
Connectivity
peripherals
The boundary scan interface is provided to enable board level testing.
There are five pins on the device which is used to implement the IEEE Std
1149.1™ boundary scan protocol.
CLKCTRL
Clock control
module
Clocks
The clock control module, or CLKCTRL, generates the clock domains for all
components in the i.MX28 system. The crystal clock or PLL clock are the two
fundamental sources used to produce most of the clock domains. For lower
performance and reduced power consumption, the crystal clock is selected.
The PLL is selected for higher performance requirements but requires
increased power consumption. In most cases, when the PLL is used as the
source, a Phase Fractional Divider (PFD) can be programmed to reduce the
PLL clock frequency by up to a factor of 2.
DCP
Data
co-processor
Security
This module provides support for general encryption and hashing functions
typically used for security functions. Because its basic job is moving data
from memory to memory, it also incorporates a memory-copy (memcopy)
function for both debugging and as a more efficient method of copying data
between memory blocks than the DMA-based approach.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com