Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX28AEC Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
13
3.1.2
DC Operating Conditions
Table 8 provides the DC recommended operating conditions.
Table 9 provides the DC operating temperature conditions.
Table 8. Recommended Power Supply Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units
Analog Core Supply Voltage
VDDA
1.62
—
2.10
V
Digital Core Supply Voltage
Specification dependent on frequency.1, 2
1 For optimum USB jitter performance, V
DDD = 1.35 V or greater.
2 V
DDD supply minimum voltage includes 75 mV guardband.
VDDD
1.35
—
1.55
V
Digital Supply Voltages:
• VDDIO33/VDDIO33_EMI
• VDDIO18
VDDIO33/VDDIO33_EMI/VDDI
O18
3.0
1.7
—
—
3.6
1.9
V
EMI Digital I/O Supply Voltage:
• DDR2/mDDR
• LVDDR2
VDDIO.EMI/VDDIO_EMIQ
1.7
1.425
1.8
1.5
1.9
1.625
V
Battery / DCDC Input Voltage - BATT, DCDC_BATT
BATT
DCDC_BATT
3.103
3 Tested with only the i.MX28 processor loading the MX28 PMU output rails during start up.
—4.242
V
VDD5V Supply Voltage (5 V current < 100 mA)
—
TBD
5.00
5.25
V
VDD5V Supply Voltage (5V current
≥ 100 mA)
—
4.75
5.00
5.25
V
Offstate Current:4
4 When the real-time clock is enabled, the chip consumes additional current in the OFF state to keep the crystal oscillator and
the real-time clock running.
• 32-kHz RTC off, BATT = 4.2 V
—
—
11
30
µA
• 32-kHz RTC on, BATT = 4.2 V
—
—
13.5
30
µA
Table 9. Operating Temperature Conditions
Parameter
Symbol
Min
Typ
Max
Units
Automotiv/Industrial Ambient Operating Temperature Range1, 2
1 In most portable systems designs, battery and display specifications limits the operating range to well within these
specifications. Most battery manufacturers recommend enabling battery charge only when the ambient temperature is
between 0°C and 40°C. To ensure that battery charging does not occur outside the recommended temperature range, the
system ambient temperature may be monitored by connecting a thermistor to the LRADC0 or LRADC6 pin on the i.MX28.
TA
–40
—
85
°C
Automotiv/Industrial Junction Temperature Range1, 2
TJ
–40
—
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com