Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4253GS Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4253GS
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253GS Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4253GS Datasheet HTML 2Page - Infineon Technologies AG TLE4253GS Datasheet HTML 3Page - Infineon Technologies AG TLE4253GS Datasheet HTML 4Page - Infineon Technologies AG TLE4253GS Datasheet HTML 5Page - Infineon Technologies AG TLE4253GS Datasheet HTML 6Page - Infineon Technologies AG TLE4253GS Datasheet HTML 7Page - Infineon Technologies AG TLE4253GS Datasheet HTML 8Page - Infineon Technologies AG TLE4253GS Datasheet HTML 9Page - Infineon Technologies AG TLE4253GS Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TLE4253
General Product Characteristics
Data Sheet
6
Rev. 1.2, 2009-11-09
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Input Voltage
V
I
3.5
40
V
V
I ≥ VQ + Vdr
4.2.1
Adjust / Enable Input Voltage
(Voltage Tracking Range)
V
ADJ/EN
2.0
–
V
–
4.2.2
Junction Temperature
T
j
-40
150
°C–
4.2.3
Output Capacitor Requirements
C
Q
10
µF
–1)
1) The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%.
4.2.4
ESR
CQ
–5
Ω
–2)
2) relevant ESR value at
f = 10 kHz.
Pos.
Parameter
Symbol
Limit Value
Unit
Conditions
Min.
Typ.
Max.
PG-DSO-8:
4.3.1
Junction to Soldering Point
R
thJSP
–
39
–
K/W
Pins 2 - 3 and 6 - 7
fixed to
T
A
4.3.2
Junction to Ambient
R
thJA
–
150
–
K/W
Footprint only 1)
1) Package mounted on PCB FR4; 80 x 80 x 1.5 mm; 35 µm Cu, 5 µm Sn; horizontal position; zero airflow.
Not subject to production test; specified by design.
4.3.3
–
91
–
K/W
300 mm2 PCB heatsink
area 1)
4.3.4
–
81
–
K/W
600 mm2 PCB heatsink
area 1)
4.3.5
–
65
–
K/W
2s2p board2)
2) Specified
R
thJA value is according to JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The product (chip+package)
was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the package contacted the first inner copper layer.
PG-DSO-8 exposed pad:
4.3.6
Junction to Case Bottom
R
thJC
–
9
–
K/W
Measured to exposed
bottom pad
4.3.7
Junction to Ambient
R
thJA
–
169
–
K/W
Footprint only 1)
4.3.8
–
64
–
K/W
300 mm2 PCB heatsink
area 1)
4.3.9
–
55
–
K/W
600 mm2 PCB heatsink
area 1)
4.3.10
–
49
–
K/W
2s2p board2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com