Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4253GS Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4253GS
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253GS Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4253GS Datasheet HTML 14Page - Infineon Technologies AG TLE4253GS Datasheet HTML 15Page - Infineon Technologies AG TLE4253GS Datasheet HTML 16Page - Infineon Technologies AG TLE4253GS Datasheet HTML 17Page - Infineon Technologies AG TLE4253GS Datasheet HTML 18Page - Infineon Technologies AG TLE4253GS Datasheet HTML 19Page - Infineon Technologies AG TLE4253GS Datasheet HTML 20Page - Infineon Technologies AG TLE4253GS Datasheet HTML 21Page - Infineon Technologies AG TLE4253GS Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
TLE4253
Application Information
Data Sheet
18
Rev. 1.2, 2009-11-09
Figure 5
Application circuit: Output voltage
V
Q higher than reference voltage VREF
For output voltages higher than the reference voltage, the voltage divider has to be applied between the feedback
and the output according to Figure 5. The equation for the output voltage with respect to the reference voltage is
given by:
Keep in mind that the input voltage has to be at minimum equal to the output voltage plus the dropout voltage of
the regulator.
With a given reference voltage
V
REF, the desired output voltage VQ and the resistor value R1FB, the resistor value
for
R2
FB is given by:
4
ADJ
IFB
Q
EN/
GND
TLE 4253 G
8
2, 3, 6, 7
5
1
µC, e.g. C167
VDD
I/O
Main µC supply, e.g.
TLE4271-2
TLE4278
TLE4470
etc.
IQ
GND
VBAT
VQ > VREF
VREF
R1
FB
R2
FB
VQ
VREF
R1FB R2FB
+
R2FB
---------------------------------


⋅
=
R2FB
R1FB
VREF
VQ VREF
–
---------------------------


⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com