Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4253GS Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4253GS
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253GS Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4253GS Datasheet HTML 11Page - Infineon Technologies AG TLE4253GS Datasheet HTML 12Page - Infineon Technologies AG TLE4253GS Datasheet HTML 13Page - Infineon Technologies AG TLE4253GS Datasheet HTML 14Page - Infineon Technologies AG TLE4253GS Datasheet HTML 15Page - Infineon Technologies AG TLE4253GS Datasheet HTML 16Page - Infineon Technologies AG TLE4253GS Datasheet HTML 17Page - Infineon Technologies AG TLE4253GS Datasheet HTML 18Page - Infineon Technologies AG TLE4253GS Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
15
Rev. 1.2, 2009-11-09
TLE4253
Electrical Characteristics
5.3
Adjust / Enable Input
In order to reduce the quiescent current to a minimum, the TLE4253 can be switched to stand-by mode by setting
the adjust/enable input “ADJ/EN” to “low”.
In case the pin “ADJ/EN is left open, an internal pull-down resistor keeps the voltage at the pin low and therefore
ensures that the regulator is switched off.
Typical Performance Characteristics Tracking Regulator
V
ADJ/EN = 5 V; VFB = VQ (unless otherwise noted)
Table 3
Electrical Characteristics Adjust / Enable
V
I = 13.5 V; VADJ/EN ≥ 2.0 V; VFB = VQ; -40 °C ≤ Tj ≤ 150 °C;
all voltages with respect to ground (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
5.3.1
Adjust / Enable
Low Signal Valid
V
ADJ/EN,low
––0.4
V
V
Q = 0 V;
I
I < 2 µA;
T
j ≤ 85 °C
5.3.2
Adjust / Enable
High Signal Valid
(Tracking Region)
V
ADJ/EN,high
2––
V
V
Q settled:
|
V
Q - VADJ/EN| < 10 mV;
I
Q = 10 mA
5.3.3
Adjust / Enable
Input Current
I
ADJ/EN
–3.8
5.5
µA
V
ADJ/EN = 5 V;
5.3.4
Adjust / Enable
internal pull-down resistor
R
ADJ/EN
11.5
2
M
Ω
Startup Sequence
0
t [µs]
20
60 80
120 140
V [V]
4253_startup.vsd
3
2
1
4
40
100
V
ADJ
d
V
Q / dt =
(
I
Q,max-ILoad ) / CQ
Overshoot depends on
load current, C
Q , ESR (CQ )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com