Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4253GS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4253GS
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253GS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4253GS Datasheet HTML 5Page - Infineon Technologies AG TLE4253GS Datasheet HTML 6Page - Infineon Technologies AG TLE4253GS Datasheet HTML 7Page - Infineon Technologies AG TLE4253GS Datasheet HTML 8Page - Infineon Technologies AG TLE4253GS Datasheet HTML 9Page - Infineon Technologies AG TLE4253GS Datasheet HTML 10Page - Infineon Technologies AG TLE4253GS Datasheet HTML 11Page - Infineon Technologies AG TLE4253GS Datasheet HTML 12Page - Infineon Technologies AG TLE4253GS Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
9
Rev. 1.2, 2009-11-09
TLE4253
Electrical Characteristics
Typical Performance Characteristics Tracking Regulator
V
ADJ/EN = 5 V; VFB = VQ (unless otherwise noted)
Output Voltage
V
Q vs.
Adjust Voltage
V
ADJ
Output Voltage
V
Q vs.
Input Voltage
V
I
Output Current Limitation
I
Q,max vs.
Input Voltage
V
I
Output Current Limitation
I
Q,max vs.
Output Voltage
V
Q
V
Q [V]
VQ-VADJ.vsd
3
2
1
4
V
I = 13.5 V
23
4
1
V
ADJ [V]
T
j = 150 °C
T
j = -40 °C
V
Q [V]
VQ-VI.vsd
3
2
1
4
V
ADJ = 5 V
57
3
V
I [V]
T
j = 150 °C
T
j = -40 °C
1
V
dr
5
0
V
I [V]
20
30
I
Q [mA]
SOA.VSD
300
200
100
400
10
40
600
T
j = 25 °C
V
ADJ = 5 V
T
j
= 125 °C
V
Q [V]
300
400
I
Q [mA]
IQmax-VQ.vsd
3
2
1
200
0
5
V
I = 13.5 V
V
ADJ = 5 V
T
j = 125°C
T
j = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com