Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4253GS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4253GS
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253GS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4253GS Datasheet HTML 6Page - Infineon Technologies AG TLE4253GS Datasheet HTML 7Page - Infineon Technologies AG TLE4253GS Datasheet HTML 8Page - Infineon Technologies AG TLE4253GS Datasheet HTML 9Page - Infineon Technologies AG TLE4253GS Datasheet HTML 10Page - Infineon Technologies AG TLE4253GS Datasheet HTML 11Page - Infineon Technologies AG TLE4253GS Datasheet HTML 12Page - Infineon Technologies AG TLE4253GS Datasheet HTML 13Page - Infineon Technologies AG TLE4253GS Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TLE4253
Electrical Characteristics
Data Sheet
10
Rev. 1.2, 2009-11-09
Typical Performance Characteristics Tracking Regulator
V
ADJ/EN = 5 V; VFB = VQ (unless otherwise noted)
Output Capacitor Series Resistor
ESR
CQ vs.
Output Current
I
Q
Output Capacitor Series Resistor
ESR
CQ vs.
Output Current
I
Q
Power Supply
Ripple Rejection
PSRR
Line Regulation d
V
Q,line vs.
Input Voltage Change d
V
I
ESR-IQ_10u.vsd
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
100
150
50
200
10
C
Q = 10 µF
6 V <
V
I < 28 V
-40 °C <
T
j < 150 °C
Stable
Region
ESR-IQ_6u8.vsd
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
100
150
50
200
10
C
Q = 6.8 µF
6 V <
V
I < 28 V
-40 °C <
T
j < 150 °C
Stable
Region
0.01
f [kHz]
10
PSRR
[dB]
PSRR.vsd
70
60
0.1
1
100
90
40
50
I
Q
= 1 mA
V
RIPPLE = 1 V
V
IN = 13.5 V
C
Q = 10 µF Ceramic
T
j
= 25 °C
I
Q = 100 mA
0
∆V
I [V]
5
1520
3035
∆V
Q [mV]
dVQ-dVI.vsd
-1
-2
-3
0
10
25
2
0
I
Q = 10 mA
steady-state condition
V
I,initial = 6 V
V
ADJ = 5 V
I
Q = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com