Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4253GS Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4253GS
Description  Low Dropout Voltage Tracking Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253GS Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4253GS Datasheet HTML 10Page - Infineon Technologies AG TLE4253GS Datasheet HTML 11Page - Infineon Technologies AG TLE4253GS Datasheet HTML 12Page - Infineon Technologies AG TLE4253GS Datasheet HTML 13Page - Infineon Technologies AG TLE4253GS Datasheet HTML 14Page - Infineon Technologies AG TLE4253GS Datasheet HTML 15Page - Infineon Technologies AG TLE4253GS Datasheet HTML 16Page - Infineon Technologies AG TLE4253GS Datasheet HTML 17Page - Infineon Technologies AG TLE4253GS Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TLE4253
Electrical Characteristics
Data Sheet
14
Rev. 1.2, 2009-11-09
Typical Performance Characteristics Tracking Regulator
V
ADJ/EN = 5 V; VFB = VQ (unless otherwise noted)
Current Consumption
I
q2 vs.
Junction Temperature
T
j
Current Consumption
I
q vs.
Output Current
I
Q
Current Consumption
I
q vs.
Input Voltage
V
I
Quiescent Current
I
q1 vs.
Junction Temperature
T
j
Iq-Tj.vsd
1
0.1
0.01
10
I
q [mA]
-40
T
j [°C]
-20
20 40
80 100
0
60
140
120
V
I
= 13.5V
I
Q
= 200 µA
I
Q = 200 mA
0.2
I
Q [mA]
110
Iq-IQ.vsd
1
0.1
0.01
10
100
I
q [mA]
V
I = 6 V
V
I > 9 V
V
EN/ADJ = 5 V
Iq-VI.vsd
0
5
10
15
20
25
30
0
1020
3040
V I [V]
R LOAD = 25 Ω
R LOAD = 100 Ω
R LOAD = 50 Ω
R LOAD = 500 Ω
Iq1-Tj.vsd
1
0.1
I
q1 [µA]
-40
T
j [°C]
-20
20 40
80 100
060
140
120
V
I = 13.5V
V
EN/ADJ
= 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com