Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 2Page - Infineon Technologies AG TLE4953C Datasheet HTML 3Page - Infineon Technologies AG TLE4953C Datasheet HTML 4Page - Infineon Technologies AG TLE4953C Datasheet HTML 5Page - Infineon Technologies AG TLE4953C Datasheet HTML 6Page - Infineon Technologies AG TLE4953C Datasheet HTML 7Page - Infineon Technologies AG TLE4953C Datasheet HTML 8Page - Infineon Technologies AG TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
3
V 4.0, 2010-04
Functional Description
The differential Hall Effect IC detects the motion of ferromagnetic or permanent magnet
structures by measuring the differential flux density of the magnetic field. To detect the
motion of ferromagnetic objects the magnetic field must be provided by a backbiasing
permanent magnet. Either the South or North pole of the magnet can be attached to the
rear, unmarked side (remark: rear side may contain data matrix code) of the IC package.
Magnetic offsets of up to ± 20 mT and mechanical offsets are cancelled out through a
self-calibration algorithm. Only 2 transitions are necessary for the self-calibration
procedure. After the initial self-calibration sequence switching occurs when the input
signal crosses the adaptive threshold on the rising magnetic edge.
The ON and OFF state of the IC are indicated by High and Low current consumption.
Each rising magnetic edge of the magnetic input signal triggers an output pulse.
Figure 3
Output Pulses on magnetic rising edge
In addition to the speed signal, the following information is provided by varying the length
of the output pulses (PWM modulation):
Speed signal = S
The speed signal is issued at the first output pulse after start up and when the magnetic
frequency is above 1kHz.
Direction of rotation left = DR-L
DR-L information is issued in the output pulse length when the active target wheel in front
of the Hall Effect IC moves from the pin
V
CC to the pin GND.
Direction of rotation right = DR-R
DR-R information is issued in the output pulse length when the active target wheel in
front of the Hall Effect IC moves from the pin GND to the pin
V
CC.
AED03189
Pulse
Length
MagneticSignal
Output Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com