Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG TLE4953C Datasheet HTML 12Page - Infineon Technologies AG TLE4953C Datasheet HTML 13Page - Infineon Technologies AG TLE4953C Datasheet HTML 14Page - Infineon Technologies AG TLE4953C Datasheet HTML 15Page - Infineon Technologies AG TLE4953C Datasheet HTML 16Page - Infineon Technologies AG TLE4953C Datasheet HTML 17Page - Infineon Technologies AG TLE4953C Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
11
V 4.0, 2010-04
Figure 5
Definition of Rise and Fall Time
PWM Current Interface
Between each magnetic transition and the rising edge of the corresponding output pulse
the output current is Low for
t
pre-low in order to allow reliable internal conveyance.
Following the signal pulse (current is High) is output.
5) not subject to production test- verified by design/characterization, magnetic values are amplitude values
Timing Characteristics
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.
Pre-low length
t
pre-low
24
30
36
µs
Speed signal
t
S
24
30
36
µs
Length of DR-L pulse
t
DR-L
50
60
70
µs
Length of DR-R pulse
t
DR-R
102
120
138
µs
Output of DR-L/R pulse,
maximum frequency
From low - high frequency
From high - low frequency
f
DR, max
935
850
1100
1000
1265
1150
Hz
Internal
hysteresis of
direction signal1)
1) Not possible overlap, 10% difference verified by design/characterization. Frequencies not subject to production test
verified by design/characterization
AET03194
t
10%
90%
50%
t
r
t
f
I
High
I
Low
t
1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com