Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 7Page - Infineon Technologies AG TLE4953C Datasheet HTML 8Page - Infineon Technologies AG TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG TLE4953C Datasheet HTML 12Page - Infineon Technologies AG TLE4953C Datasheet HTML 13Page - Infineon Technologies AG TLE4953C Datasheet HTML 14Page - Infineon Technologies AG TLE4953C Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
8
V 4.0, 2010-04
ESD Protection
Characterized according to Human Body Model (HBM) tests in compliance with
Standard EIA/JESD22-A114-B HBM (covers MIL STD 883D) )
Note: Within the operating range the functions given in the circuit description are fulfilled.
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
ESD-Protection
TLE4953C
TLE4953
V
ESD
-
-
± 12
± 12
kV
R = 1.5 kΩ,
C = 100 pF
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
CC
4.5
20
V
Directly on IC leads
excludes the
R
M voltage
drop
Supply voltage
V
CC
4.0
4.5
V
Directly on IC leads
excludes the
R
M voltage
drop 1)
1) Reduced performance possible for jitter/phase accuracy and power supply rejection ratio (EMC). Current levels will
typically decrease but will be within specification limits. This voltage range is not recommended for continuos operation
and should cover the function during short voltage drops which may occur at cranking of engine / test pulse 4.
Supply voltage ripple
V
AC
–
6
Vpp
V
CC = 13 V
0
≤ f ≤ 50 kHz
Junction temperature
T
j
or
– 40
150
°C
170
500h VCC ≤ 16.5 V
2)
2) increased jitter and reduced phase accuracy permissible between 150 and 170°C junction temperature.
Pre-induction
B
0
– 500
+ 500
mT
Pre-induction offset
between outer probes
∆B
stat., l/r
– 20
+ 20
mT
L-R
Pre-induction offset
between mean of outer
probes and center probe
∆B
stat.,
m/o
– 20
+ 20
mT
(L+R)/2-C
Differential Induction
∆B
– 120
+ 120
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com