Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 5Page - Infineon Technologies AG TLE4953C Datasheet HTML 6Page - Infineon Technologies AG TLE4953C Datasheet HTML 7Page - Infineon Technologies AG TLE4953C Datasheet HTML 8Page - Infineon Technologies AG TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG TLE4953C Datasheet HTML 12Page - Infineon Technologies AG TLE4953C Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
6
V 4.0, 2010-04
Vibration suppression algorithm:
The magnetic signal amplitude and the direction information is used for detection of
parasitic magnetic signals. Unwanted magnetic signals can be caused by angular or
airgap vibrations for instance. If an input signal is clearly detected as a vibration signal,
the output of pulses will be suppressed.
A magnetic input signal is classified as parasitic vibration signal if
a. the speed signal amplitude is smaller than the internal hysteresis or
b. the direction signal amplitude is smaller than the internal limit or
c. the direction signal consists of alternating left/right information
The quality of vibration suppression (according a & b) depends on the hysteresis limits
and on the magnitude of the magnetic signal. The bigger the hysteresis the better the
suppression of parasitc signals.
For parasitic signals where items above (a. to c.) are not clearly applicable or at other
more rare cases (e.g. IC startup) vibration suppression is not guaranteed. The
performance of the direction detection and vibration suppression algorithm depends on
the used magnetic circuit and as well on the used target wheel and need to be evaluated.
Please ask for application support if you have questions on the vibration suppresion algorithm.
Package information:
Pure tin covering (green lead plating) is used. Lead frame material is Wieland K62 (UNS:
C18090) and contains CuSn1CrNiTi. Product is RoHS (Restriction of Hazardous
Substances) compliant and marked with letter G in front of the data code marking and
may contain a data matrix code on the rear side of the package (see also information
note 136/03). Please refer to your key account team or regional sales if you need further
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com