Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG TLE4953C Datasheet HTML 12Page - Infineon Technologies AG TLE4953C Datasheet HTML 13Page - Infineon Technologies AG TLE4953C Datasheet HTML 14Page - Infineon Technologies AG TLE4953C Datasheet HTML 15Page - Infineon Technologies AG TLE4953C Datasheet HTML 16Page - Infineon Technologies AG TLE4953C Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
10
V 4.0, 2010-04
Systematic phase error of
output edges during
start-up and uncalibrated
mode
– 88
+ 88
°
Systematical
phase error of
"uncal" pulse; nth
vs. n+1th pulse
(does not include
jitter)
Phase shift during
transition from
uncalibrated to calibrated
mode
∆Φ
switch
– 90
+ 90
°
Phase shift change
during PGA switching in
calibrated mode
0
80
°
Due to adaptive
hysteresis.
Depending on
signal shape.
Magnetic differential field
change required for
startup with 1st rising
edge
ˆB
Limit,
early startup
peak to peak
value
ˆB
Limit, early startup
3.5
mT
Jitter,
T
j ≤ 150 °C
T
j ≤170 °C
f
≤ 2500 Hz
S
Jit-far
± 2
± 3
%
5) 1
σ value
V
CC = 12 V
B ≥ 2 mT
Jitter,
T
j ≤ 150 °C
T
j ≤170 °C
2500 Hz < f
≤12000 Hz
S
Jit-far
± 3
± 4.5
%
5) 1 σ value
V
CC = 12 V
B ≥ 2 mT
Jitter at board net ripple
S
Jit-AC
± 2
%
5)V
CC = 13 V± 6
Vpp
0
f ≤50 kHz
B = 15 mT
1) magnetic amplitude values, sine magnetic field, Limits refer to the 50% criteria. 50% of pulses are missing.Only valid at
lowest PGA stage/highest amplification because of adaptive hysteresis.
2) Magnetic peak to peak value. Limits refer to the 99% criteria, just 1 pulse missing out of 100.
3) The first 2 pulses may contain only direction information if the direction signal is above
B
Dir.The first pulse after starting
will be the speed pulse.
4) High frequency behaviour not subject to production test - verified by design/characterization.
AC/DC Characteristics (cont’d)
All values specified at constant amplitude and offset of input signal, over operating range, unless
otherwise specified. Typical values correspond to VCC=12V and TA=25°C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com