Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4953C
Description  Differential Two-Wire Hall Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953C Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4953C Datasheet HTML 3Page - Infineon Technologies AG TLE4953C Datasheet HTML 4Page - Infineon Technologies AG TLE4953C Datasheet HTML 5Page - Infineon Technologies AG TLE4953C Datasheet HTML 6Page - Infineon Technologies AG TLE4953C Datasheet HTML 7Page - Infineon Technologies AG TLE4953C Datasheet HTML 8Page - Infineon Technologies AG TLE4953C Datasheet HTML 9Page - Infineon Technologies AG TLE4953C Datasheet HTML 10Page - Infineon Technologies AG TLE4953C Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TLE4953
TLE4953C
Data Sheet
4
V 4.0, 2010-04
Figure 4
Definition of Rotation Direction
Circuit Description
The circuit internally is supplied by a voltage regulator. A 2 MHz on-chip oscillator serves
as a clock generator for the DSP and the output encoder.
Speed signal circuitry
TLE4953 speed signal path comprises a pair of Hall Effect probes, separated from each
other by 2.5 mm, a differential amplifier including noise limiting low-pass filter, and a
comparator triggering a switched current output stage. An offset cancellation feedback
loop is provided through a signal-tracking A/D converter, a digital signal processor
(DSP), and an offset cancellation D/A converter.
Uncalibrated Mode
Occasionally a short initial offset settling time
t
d,input might delay the detection of the input
signal. (The sensor is "blind"). During the startup phase (un-calibrated mode) the output
is disabled (
I = I
Low). The magnetic input signal is tracked by the speed ADC and
monitored within the digital circuit. For detection the signal needs to exceed a threshold
(digital noise constant d1). When the signal slope is identified as a rising edge, a trigger
pulse is issued to a comparator. A second trigger pulse is issued as soon as the next
rising edge is detected.
Between the start-up of the magnetic input signal and the time when its second extreme
is reached, the PGA (programmable gain amplifier) will switch to its appropriate position.
This value is determined by the signal amplitude and initial offset value. The digital noise
constant value is changing accordingly (d1
→ d2, related to the corresponding PGA
AEA03193
DR-L
DR-R
G0415 S
53C1R
N
S
S
S
S
S
N
N
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com