Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3482 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 32Page - Texas Instruments DAC3482 Datasheet HTML 33Page - Texas Instruments DAC3482 Datasheet HTML 34Page - Texas Instruments DAC3482 Datasheet HTML 35Page - Texas Instruments DAC3482 Datasheet HTML 36Page - Texas Instruments DAC3482 Datasheet HTML 37Page - Texas Instruments DAC3482 Datasheet HTML 38Page - Texas Instruments DAC3482 Datasheet HTML 39Page - Texas Instruments DAC3482 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
Register name: config27
– Address: 0x1B, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config27
0x1B
15
extref_ena
Allows the device to use an external reference or the internal reference.
0
MM 0: Internal reference
MM 1: External reference
14
Reserved
Reserved for factory use.
0
13
Reserved
Reserved for factory use.
0
12
Reserved
Reserved for factory use.
0
11
fuse_sleep
Puts the fuses to sleep when set high.
0
Note: Default value is
‘0’. Must be set to ‘1’ for proper operation
10
Reserved
Reserved for factory use.
0
9
Reserved
Reserved for factory use.
0
8
Reserved
Reserved for factory use.
0
7
Reserved
Reserved for factory use.
0
6
Reserved
Reserved for factory use.
0
5:0
Reserved
Reserved for factory use.
000000
Register name: config28
– Address: 0x1C, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config28
0x1C
15:8
Reserved
Reserved for factory use.
0x00
7:0
Reserved
Reserved for factory use.
0x00
Register name: config29
– Address: 0x1D, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config29
0x1D
15:8
Reserved
Reserved for factory use.
0x00
7:0
Reserved
Reserved for factory use.
0x00
Register name: config30
– Address: 0x1E, Default: 0x1111
Register
Default
Address
Bit
Name
Function
Value
Name
config30
0x1E
15:12
syncsel_qmoffset(3:0)
Selects the syncing source(s) of the double buffered QMC offset registers. A
‘1’ in
0001
the bit enables the signal as a sync source. More than one sync source is
permitted.
MM Bit 15: sif_sync (via config31)
MM Bit 14: SYNC
MM Bit 13: OSTR
MM Bit 12: Auto-sync from register write
11:8
Reserved
Reserved for factory use.
0001
7:4
syncsel_qmcorr(3:0)
Selects the syncing source(s) of the double buffered QMC correction registers. A
‘1’
0001
in the bit enables the signal as a sync source. More than one sync source is
permitted.
MM Bit 7: sif_sync (via config31)
MM Bit 6: SYNC
MM Bit 5: OSTR
MM Bit 4: Auto-sync from register write
3:0
Reserved
Reserved for factory use.
0001
36
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com