Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3482 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 35Page - Texas Instruments DAC3482 Datasheet HTML 36Page - Texas Instruments DAC3482 Datasheet HTML 37Page - Texas Instruments DAC3482 Datasheet HTML 38Page - Texas Instruments DAC3482 Datasheet HTML 39Page - Texas Instruments DAC3482 Datasheet HTML 40Page - Texas Instruments DAC3482 Datasheet HTML 41Page - Texas Instruments DAC3482 Datasheet HTML 42Page - Texas Instruments DAC3482 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Register name: config39
– Address: 0x27, Default: 0xEAEA
Register
Default
Address
Bit
Name
Function
Value
Name
config39
0x27
15:0
iotest_pattern2
Dataword2 in the IO test pattern. It is used with the seven other words to test the input
0xEAEA
data.
Register name: config40
– Address: 0x28, Default: 0x4545
Register
Default
Address
Bit
Name
Function
Value
Name
config40
0x28
15:0
iotest_pattern3
Dataword3 in the IO test pattern. It is used with the seven other words to test the input data.
0x4545
Register name: config41
– Address: 0x29, Default: 0x1A1A
Register
Default
Address
Bit
Name
Function
Value
Name
config41
0x29
15:0
iotest_pattern4
Dataword4 in the IO test pattern. It is used with the seven other words to test the input data.
0x1A1A
Register name: config42
– Address: 0x2A, Default: 0x1616
Register
Default
Address
Bit
Name
Function
Value
Name
config42
0x2A
15:0
iotest_pattern5
Dataword5 in the IO test pattern. It is used with the seven other words to test the input
0x1616
data.
Register name: config43
– Address: 0x2B, Default: 0xAAAA
Register
Default
Address
Bit
Name
Function
Value
Name
config43
0x2B
15:0
iotest_pattern6
Dataword6 in the IO test pattern. It is used with the seven other words to test the input
0xAAAA
data.
Register name: config44
– Address: 0x2C, Default: 0xC6C6
Register
Default
Address
Bit
Name
Function
Value
Name
config44
0x2C
15:0
iotest_pattern7
Dataword7 in the IO test pattern. It is used with the seven other words to test the input
0xC6C6
data.
Register name: config45
– Address: 0x2D, Default: 0x0004
Register
Default
Address
Bit
Name
Function
Value
Name
config45
0x2D
15
Reserved
Reserved for factory use.
0
14
ostrtodig_sel
When set, the OSTR signal is passed directly to the digital block. This is the signal that
0
is used to clock the dividers.
13
ramp_ena
When set, a ramp signal is inserted in the input data at the FIFO input.
0
12:1
Reserved
Reserved for factory use.
0000
0000
0100
0
sifdac_ena
When set, the DAC output is set to the value in sifdac(15:0) in register config48.
0
Register name: config46
– Address: 0x2E, Default: 0x0000
Register
Default
Address
Bit
Name
Function
Value
Name
config46
0x2E
15:8
Reserved
Reserved for factory use.
0x00
7:0
grp_delayI(7:0)
Sets the group delay function for DACI. The maximum delay ranges from 30ps to
0x00
100ps and is dependent on DAC sample clock. Contact TI for specific application
information.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com