Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3482 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 45Page - Texas Instruments DAC3482 Datasheet HTML 46Page - Texas Instruments DAC3482 Datasheet HTML 47Page - Texas Instruments DAC3482 Datasheet HTML 48Page - Texas Instruments DAC3482 Datasheet HTML 49Page - Texas Instruments DAC3482 Datasheet HTML 50Page - Texas Instruments DAC3482 Datasheet HTML 51Page - Texas Instruments DAC3482 Datasheet HTML 52Page - Texas Instruments DAC3482 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
Clock Generator
DATACLKP/N
FRAMEP/N
FPGA
D[15:0]P/N
D[15:0]P/N
DATACLKP/N
FRAMEP/N
DACCLKP/N
B0454-01
LVPECL Outputs
OSTRP/N
LVPECL Outputs
DACCLKP/N
OSTRP/N
PLL/
DLL
DAC3482 DAC1
Delay 1
Delay 2
Outputs are
Phase Aligned
DAC3482 DAC2
Variable delays due to variations in the FPGA(s) output
paths or board level wiring or temperature/voltage deltas
T0526-01
DACCLKP/N(2)
DACCLKP/N(1)
•
•
•
•
OSTRP/N(2)
OSTRP/N(1)
t
S(OSTR)
t
S(OSTR)
t
SKEW ~ 0
t
H(OSTR)
t
H(OSTR)
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
Figure 57. Synchronization System in Dual Sync Sources Mode with PLL Bypassed
For correct operation both OSTR and DACCLK must be generated from the same clock domain. The OSTR
signal is sampled by DACCLK and must satisfy the timing requirements in the specifications table. If the clock
generator does not have the ability to delay the DACCLK to meet the OSTR timing requirement, the polarity of
the DACCLK outputs can be swapped with respect to the OSTR ones to create 180 degree phase delay of the
DACCLK. This may help establish proper setup and hold time requirement of the OSTR signal.
Careful board layout planning must be done to ensure that the DACCLK and OSTR signals are distributed from
device to device with the lowest skew possible as this will affect the synchronization process. In order to
minimize the skew across devices it is recommended to use the same clock distribution device to provide the
DACCLK and OSTR signals to all the DAC devices in the system.
Figure 58. Timing Diagram for LVPECL Synchronization Signals
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com