Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3482 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 9Page - Texas Instruments DAC3482 Datasheet HTML 10Page - Texas Instruments DAC3482 Datasheet HTML 11Page - Texas Instruments DAC3482 Datasheet HTML 12Page - Texas Instruments DAC3482 Datasheet HTML 13Page - Texas Instruments DAC3482 Datasheet HTML 14Page - Texas Instruments DAC3482 Datasheet HTML 15Page - Texas Instruments DAC3482 Datasheet HTML 16Page - Texas Instruments DAC3482 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
−5
−4
−3
−2
−1
0
1
2
3
4
5
0
10k
20k
30k
40k
50k
60k
Code
G001
−5
−4
−3
−2
−1
0
1
2
3
4
5
0
10k
20k
30k
40k
50k
60k
Code
G002
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Output Frequency (MHz)
0 dBFS
−6 dBFS
−12 dBFS
G003
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Output Frequency (MHz)
0 dBFS
−6 dBFS
−12 dBFS
G004
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Output Frequency (MHz)
0 dBFS
−6 dBFS
−12 dBFS
G005
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
Output Frequency (MHz)
fDATA = 312.5 MSPS, 1x Interpolation
fDATA = 312.5 MSPS, 2x Interpolation
fDATA = 312.5 MSPS, 4x Interpolation
fDATA = 156.25MSPS, 8x Interpolation
fDATA = 78.125MSPS, 16x Interpolation
G006
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS
All plots are at 25
°C, nominal supply voltage, fDAC = 1250 MSPS, 4x interpolation, NCO enabled, Mixer Gain disabled, QMC
enabled with gain set at 1446 for both I/Q channels, 0 dBFS digital input, 20 mA full-scale output current with 4:1 transformer
(unless otherwise noted)
Figure 1. Integral Nonlinearity
Figure 2. Differential Nonlinearity
Figure 3. SFDR vs Output Frequency Over Input Scale
Figure 4. Second Harmonic Distortion vs
Output Frequency Over Input Scale
Figure 5. Third Harmonic Distortion vs
Figure 6. SFDR vs Output Frequency Over Interpolation
Output Frequency Over Input Scale
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com