Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3482 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 5 Page - Texas Instruments

  DAC3482 Datasheet HTML 1Page - Texas Instruments DAC3482 Datasheet HTML 2Page - Texas Instruments DAC3482 Datasheet HTML 3Page - Texas Instruments DAC3482 Datasheet HTML 4Page - Texas Instruments DAC3482 Datasheet HTML 5Page - Texas Instruments DAC3482 Datasheet HTML 6Page - Texas Instruments DAC3482 Datasheet HTML 7Page - Texas Instruments DAC3482 Datasheet HTML 8Page - Texas Instruments DAC3482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
DAC3482
www.ti.com
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Uni-directional serial interface data in 4-pin mode. The SDO pin is tri-stated in 3-pin interface mode
SDO
B27
O
(default).
SLEEP
B40
I
Active high asynchronous hardware power-down input. Internal pull-down.
Optional LVDS SYNC positive input. The SYNCP/N LVDS pair has an internal 100
Ω termination
SYNCP
A5
I
resistor. If unused it can be left unconnected.
SYNCN
B5
I
Optional LVDS SYNC negative input.
Active low input for chip RESET, which resets all the programming registers to their default state.
RESETB
B30
I
Internal pull-up.
Transmit enable active high input. Internal pull-down.
To enable analog output data transmission, set sif_txenable in register config3 to
“1” or pull CMOS
TXENABLE
A32
I
TXENABLE pin to high.
To disable analog output, set sif_txenable to
“0” and pull CMOS TXENABLE pin to low. The digital
logic section is forced to all 0, and any input data is ignored.
TESTMODE
A44
I
This pin is used for factory testing. Internal pull-down. Leave unconnected for normal operation.
Digital supply voltage. This supply pin is also used for factory fuse programming. Connect to
VFUSE
B4
I
DACVDD for normal operation.
ORDERING INFORMATION(1)
TA
ORDER CODE
PACKAGE DRAWING/TYPE(2)(3)
TRANSPORT MEDIA
QUANTITY
DAC3482IRKDT
250
–40°C to 85°C
RKD / 88 WQFN Quad Flatpack No-Lead
Tape and Reel
DAC3482IRKDR
2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Thermal Pad Size: 6.4 mm x 6.4 mm
(3)
MSL Peak Temperature: Level-3-260C-168 HR
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
DACVDD, DIGVDD, CLKVDD
–0.5
1.5
V
VFUSE
–0.5
1.5
V
Supply voltage
range(2)
IOVDD
–0.5
4
V
AVDD, PLLAVDD
–0.5
4
V
D[15..0]P/N, DATACLKP/N, FRAMEP/N, PARITYP/N, SYNCP/N
–0.5
IOVDD + 0.5
V
DACCLKP/N, OSTRP/N
–0.5
CLKVDD + 0.5
V
ALARM, SDO, SDIO, SCLK, SDENB, SLEEP, RESETB, TESTMODE,
–0.5
IOVDD + 0.5
V
TXENABLE
Pin voltage range(2)
IOUTIP/N, IOUTQP/N
–1.0
AVDD + 0.5
V
EXTIO, BIASJ
–0.5
AVDD + 0.5
V
LPF
0.5
PLLAVDD+0.5V
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Operating free-air temperature range, TA: DAC3482
–40
85
°C
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under
“recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com