Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC3482 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3482
Description  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC3482 Datasheet HTML 4Page - Texas Instruments DAC3482 Datasheet HTML 5Page - Texas Instruments DAC3482 Datasheet HTML 6Page - Texas Instruments DAC3482 Datasheet HTML 7Page - Texas Instruments DAC3482 Datasheet HTML 8Page - Texas Instruments DAC3482 Datasheet HTML 9Page - Texas Instruments DAC3482 Datasheet HTML 10Page - Texas Instruments DAC3482 Datasheet HTML 11Page - Texas Instruments DAC3482 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
DAC3482
SLAS748A
– MARCH 2011 – REVISED JUNE 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
– DC SPECIFICATIONS
(1) (continued)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(AVDD)
Analog supply current(3)
65
mA
MODE 3
I(DIGVDD)
Digital supply current
190
mA
fDAC = 625MSPS, 2x interpolation, Mixer on,
I(DACVDD)
DAC supply current
15
mA
QMC on, invsinc off,
I(CLKVDD)
Clock supply current
45
mA
PLL disabled, 20mA FS output, IF = 200MHz
P
Power dissipation
515
mW
I(AVDD)
Analog supply current(3)
35
mA
MODE 4
I(DIGVDD)
Digital supply current
395
mA
fDAC = 1.25GSPS, 2x interpolation, Mixer on,
I(DACVDD)
DAC supply current
30
mA
QMC on, invsinc on,
I(CLKVDD)
Clock supply current
95
mA
PLL enabled, I/Q output sleep, IF = 200MHz,
P
Power dissipation
740
mW
I(AVDD)
Analog supply current(3)
20
mA
Mode 5
I(DIGVDD)
Digital supply current
10
mA
Power-Down mode: No clock,
I(DACVDD)
DAC supply current
4
mA
DAC on sleep mode (clock receiver sleep),
I(CLKVDD)
Clock supply current
10
mA
I/Q output sleep, static data pattern
P
Power dissipation
95
mW
I(AVDD)
Analog supply current(3)
80
mA
Mode 6
I(DIGVDD)
Digital supply current
200
mA
fDAC = 1GSPS, 2x interpolation, Mixer off,
I(DACVDD)
DAC supply current
25
mA
QMC off, invsinc off, PLL enabled, 20mA FS
I(CLKVDD)
Clock supply current
85
mA
output, IF = 200MHz
P
Power dissipation
636
mW
Operating Range
–40
25
85
°C
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC3482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com