Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1109
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1109 Datasheet HTML 1Page - Semtech Corporation SC1109 Datasheet HTML 2Page - Semtech Corporation SC1109 Datasheet HTML 3Page - Semtech Corporation SC1109 Datasheet HTML 4Page - Semtech Corporation SC1109 Datasheet HTML 5Page - Semtech Corporation SC1109 Datasheet HTML 6Page - Semtech Corporation SC1109 Datasheet HTML 7Page - Semtech Corporation SC1109 Datasheet HTML 8Page - Semtech Corporation SC1109 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
5
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
BLOCK DIAGRAM
R
S
Q
STBY
VOSENSE
GND
+
-
OSCILLATOR
5VSTBY
+
-
PHASE
BCAP+
BST
SET DOMINATES
PWM
0.8V
VCC
+
-
+10%
+
-
BCAP-
+
-
0.6V
VBG
LOW
SIDE
DRIVE
200mV
+
-
SHOOT
THRU
CONTROL
LDOS1
FAULT
LOW SIDE OFF
+
-
PWRGD
2uA
-10%
DL
10uA
5VSTBY
VBG
CHARGE
PUMP
5VSTBY
+
-
GATE2
VBG
+
-
DH
VBG
R
S
Q
LDOS2
1.2V
VCC
OVER
CURRENT
Bandgap
VCC
+
-
GATE1
OSCILLATOR
5VSTBY
HIGH
SIDE
DRIVE
ERROR AMP
HICCUP LATCH
SS/EN
UVLO
SS/EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com