Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1109
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1109 Datasheet HTML 1Page - Semtech Corporation SC1109 Datasheet HTML 2Page - Semtech Corporation SC1109 Datasheet HTML 3Page - Semtech Corporation SC1109 Datasheet HTML 4Page - Semtech Corporation SC1109 Datasheet HTML 5Page - Semtech Corporation SC1109 Datasheet HTML 6Page - Semtech Corporation SC1109 Datasheet HTML 7Page - Semtech Corporation SC1109 Datasheet HTML 8Page - Semtech Corporation SC1109 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
2
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
Parameter
Symbol
Maximum
Units
VCC to GND
-0.3 to +7
V
STBY to GND
-0.3 to +7
V
BST to GND
-0.3 to +15
V
PHASE to GND
-1 to +8
V
LDOSx
-0.3 to 5
V
Operating Temperature Range
T
A
0 to +70
°C
Junction Temperature Range
T
J
0 to +125
°C
Storage Temperature Range
T
STG
-65 to +150
°C
Lead Temperature (Soldering) 10 seconds
T
L
300
°C
Thermal Impedance Junction to Ambient
θ
JA
130
°C/W
Thermal Impedance Junction to Case
θ
JC
30
°C/W
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
Unless specified: VOSENSE = V
O; Vcc=4.75V to 5.25V; STBY=4.75V to 5.25V; BST = 11.4V to 12.6V; TA = 0 to 70°C
PARAMETER
SYM
CONDITIONS
MIN
TYP
MAX
UNITS
Supply (V
CC)
Supply Voltage
V
CC
4.4
5
5.25
V
Supply Quiescent current
I
CCQ
V
CC = 5V, SS/EN = 0V
6
8
12
mA
Supply Operating current
I
CC
V
CC = 5V, SS/EN > 1V
20
mA
Switching Section
Output Voltage
(1)
V
TT
I
O = 2A
1.188
1.200
1.212
V
Load Regulation
(1)
LOAD
REG
I
O = 0A to 6A
1
%
Line Regulation
(1)
LINE
REG
Vin=4.75V to 5.25V
±0.15
%
Oscillator Frequency
f
OSC
175
200
225
kHz
Oscillator Max Duty Cycle
D
90
95
%
Current Limit trip (Vin-V
PHASE)
Vtrip
Ilimit
180
200
220
mV
Gain (A
OL)
(3)
GAIN
VTT
VOSENSE to V
O
35
dB
Under Voltage Lock Out
Threashold
VCC
HIGH
4.2
V
Hysteresis
VCC
HYST
200
mV
Power Good
Power Good Threshold Voltage
PG
th
88
112
%
Soft Start / Enable
SS/EN Source current
(2)
Isource
SS/EN
V
SS/EN = 0V to 3.5V
10
µA
SS/EN Sink current
(2)
Isink
SS/EN
V
SS/EN = 0V to 3.5V
2
µA
Shutdown Voltage
V
SS/EN
600
mV
Note:
Exceeding the Absolute Maximum Ratings may cause irreversible damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com