Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1109
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1109 Datasheet HTML 7Page - Semtech Corporation SC1109 Datasheet HTML 8Page - Semtech Corporation SC1109 Datasheet HTML 9Page - Semtech Corporation SC1109 Datasheet HTML 10Page - Semtech Corporation SC1109 Datasheet HTML 11Page - Semtech Corporation SC1109 Datasheet HTML 12Page - Semtech Corporation SC1109 Datasheet HTML 13Page - Semtech Corporation SC1109 Datasheet HTML 14Page - Semtech Corporation SC1109 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
11
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
Mosfet gate drive can be provided by an external 12V
supply that is connected from BST to GND. The
actual gate to source voltage of the upper Mosfet will
approximately equal 7V (12V-VCC). If the external
12V supply is not available, a classical boot strap
technique can be implemented from the VCC supply.
A boot strap capacitor is connected from BST to
Phase while VCC is connected through a diode
(Schottky or other fast low VF diode) to the BST. This
will provide a gate to source voltage approximately to
VCC-Vdiode drop.
Shoot through control circuitry provides a 100ns dead
time to ensure both upper and lower MOSFET will not
turn on simultaneously and cause a shoot through
condition.
OVER CURRENT
Upper Mosfet’s Rdson is used to monitor the drop
across the top FET due to an over current condition.
This Method of current sensing minimizes any unnec-
essary losses due to external sense resistance.
An internal comparator with a 200mV reference moni-
tors the Drop across the upper FET, Once the Vdson
of the Mosfet exceeds the 200mV limit, the low side
gate is turned on and the upper FET is turned off.
Also an internal latch is set and the Soft start capaci-
tor is discharged. Once the lower threshold of the soft
start circuit is crossed, the same Softstart sequence
mentioned previously is repeated. This sequence is
repeated until the over condition is removed.
GATE DRIVERS
The Low side gate driver is supplied from VCC and
provide a peak source/sink current of and 500mA.
The high side gate drive is also capable of sourcing
and sinking peak currents of 500mA. The high side
Lower Gate
PhaseNode
Lower Gate
Upper Gate
Lower Gate
PhaseNode
Vtt Shorted
Upper Gate
Lower Gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com