Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1109
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1109 Datasheet HTML 1Page - Semtech Corporation SC1109 Datasheet HTML 2Page - Semtech Corporation SC1109 Datasheet HTML 3Page - Semtech Corporation SC1109 Datasheet HTML 4Page - Semtech Corporation SC1109 Datasheet HTML 5Page - Semtech Corporation SC1109 Datasheet HTML 6Page - Semtech Corporation SC1109 Datasheet HTML 7Page - Semtech Corporation SC1109 Datasheet HTML 8Page - Semtech Corporation SC1109 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
4
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
Pin
Pin Name
Pin Function
1
LDOS1
Sense Input for LDO1
2
GATE1
Gate Drive Output LDO1 (1.8V)
3
STBY
5V Standby Input, supplies power for
Ref, Charge Pump, Oscillator and FET
controllers.
4
BCAP+
Positive Connection to Boost Capacitor
5
BCAP-
Negative Connection to Boost Capacitor
6
GND
Ground
7
PHASE
Phase Node
8
DL
Low Side Driver Output
9
DH
High Side Driver Output
10
BST
Boost Input
11
VCC
Power Supply Input
12
PWRGD
Open Collector Power Good Flag for
1.2V Output
13
VOSENSE
Output Sense Input for 1.2V Output
14
SS/EN
Soft Start/ Enable
15
GATE2
Gate Drive Output LDO2 (2.5V)
16
LDOS2
Sense Input for LDO2
Top View
(16 Pin SOIC)
GATE1
LDOS1
STBY
BCAP+
BCAP-
GND
PHASE
DH
LDOS2
GATE2
SS/EN
PWRGD
VOSENSE
VCC
BST
DL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PIN DESCRIPTION
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com