Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1109
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1109 Datasheet HTML 1Page - Semtech Corporation SC1109 Datasheet HTML 2Page - Semtech Corporation SC1109 Datasheet HTML 3Page - Semtech Corporation SC1109 Datasheet HTML 4Page - Semtech Corporation SC1109 Datasheet HTML 5Page - Semtech Corporation SC1109 Datasheet HTML 6Page - Semtech Corporation SC1109 Datasheet HTML 7Page - Semtech Corporation SC1109 Datasheet HTML 8Page - Semtech Corporation SC1109 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1109 was designed for the latest high
speed motherboards. It combines a synchronous
voltage mode controller (switching section) with
two low-dropout linear regulator controllers. The
voltage mode controller provides the power
supply for the system AGTL bus. The 1.8V and
2.5V linear controllers power the Chipset and
clock circuitry.
The SC1109 switching section features lossless
current sensing and latched driver outputs for
enhanced noise immunity. It operates at a fixed
frequency of 200kHz, the output voltage is
internally fixed at 1.2V
The SC1109 linear sections are low dropout
regulators designed to track the 3.3V power
supply when it turns on or off.
Pentium is a registered trademark of Intel Corporation
FEATURES
• 1.8V, 2.5V linear controllers
• LDOs track input voltage within 200mV until
regulation
• Integrated drivers
• Power Good Signal
• Soft Start
• Lossless Current Sense
APPLICATIONS
• Pentium® III Motherboards
• Triple power supplies
ORDERING INFORMATION
Part Number
(1)
Package
Linear
Voltage
Temp.
Range (T
J)
SC1109CSTR
SO-16
1.8V/2.5V 0° to 125°C
SC1109EVB
Evaluation Board
Note:
(1) Only available in tape and reel packaging. A reel
contains 1000 devices.
Q2
C1
0.1uF
L1
4uH
POWER GOOD
Q4
C6
0.1uF
Q3
C9
0.1uF
C8
0.1uF
+
C12
330uF
+
C2
2x1500uF
5V IN
+
C7
3x1500uF
2.5V
C4
0.1uF
5V STBY
C3
0.1uF
+
C11
330uF
VTT
+
C10
330uF
U4
SC1109CS
13
5
3
7
6
8
10
12
14
4
11
9
15
1
2
16
PWRGD
BCAP-
STBY
PHASE
GND
DH
BST
VOSENSE
SS/EN
BCAP+
VCC
DL
GATE2
GATE1
LDOS1
LDOS2
1.2V 6A
C5
0.1uF
3.3V IN
R1 2.2
1.8V
Q1
12V IN
R2 2.2
TYPICAL APPLICATION CIRCUIT


Similar Part No. - SC1109

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1109ACSTR SEMTECH-SC1109ACSTR Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
SC1109BSTR SEMTECH-SC1109BSTR Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
SC1109CSTR SEMTECH-SC1109CSTR Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
SC1109EVB SEMTECH-SC1109EVB Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
More results

Similar Description - SC1109

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
Synchronous Buck Controller with Dual Linear Regulator Controllers
REV.0
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
List of Unclassifed Man...
RT9221 ETC-RT9221 Datasheet
158Kb / 8P
PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER WITH 1.5V / 2.5V DUAL LOW DROPOUT LINEAR REGULATOR CONTROLLER
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066 Datasheet
974Kb / 34P
Dual Synchronous Buck PWM Controllers and One Linear Controller
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Anpec Electronics Corop...
APW7066 ANPEC-APW7066_09 Datasheet
586Kb / 35P
Dual Synchronous Buck PWM Controllers and One Linear Controller
APW7158 ANPEC-APW7158 Datasheet
511Kb / 24P
Dual Synchronous Buck PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com