Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1109 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1109
Description  SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1109 Datasheet HTML 1Page - Semtech Corporation SC1109 Datasheet HTML 2Page - Semtech Corporation SC1109 Datasheet HTML 3Page - Semtech Corporation SC1109 Datasheet HTML 4Page - Semtech Corporation SC1109 Datasheet HTML 5Page - Semtech Corporation SC1109 Datasheet HTML 6Page - Semtech Corporation SC1109 Datasheet HTML 7Page - Semtech Corporation SC1109 Datasheet HTML 8Page - Semtech Corporation SC1109 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SYNCHRONOUS PWM CONTROLLER WITH
DUAL LOW DROPOUT REGULATOR
CONTROLLERS
© 2000 SEMTECH CORP.
PRELIMINARY - October 16, 2000
SC1109
3
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
ELECTRICAL CHARACTERISTICS (Cont.)
Unless specified: VOSENSE = V
O; Vcc=4.75V to 5.25V; STBY=4.75V to 5.25V; BST = 11.4V to 12.6V; TA = 0 to 70°C
PARAMETER
SYM
CONDITIONS
MIN
TYP
MAX
UNITS
Internal Drivers
Peak DH Source Current
Isource
DH
BST-DH = 4.5V
500
mA
Peak DH Sink Current
Isink
DH
DH-GND = 3.1V
DH-GND = 1.5V
500
100
mA
mA
Peak DL Source Current
Isource
DL
VCC-DL = 4.5V
500
mA
Peak DL Sink Current
Isink
DL
DL-GND = 3.1V
DL-GND = 1.5V
500
100
mA
mA
Dead time
T
DEAD
40
100
ns
Linear Sections
Standby Voltage
V
STBY
4.4
5
5.25
V
Standby Quiescent current
I
STDBYQ
VSTBY = 5V, SS/EN = 0V
5
mA
Tracking Difference
(4)
Delta
TRACK
200
mV
Output Voltage LDO1
V
LDO1
I
O = 0 to 4A, 3.3V Vin = 3.3V
1.782 1.818 1.854
V
Output Voltage LDO2
V
LDO2
I
O = 0 to 4A, 3.3V Vin = 3.3V
2.475 2.525 2.575
V
Load Regulation
LOAD
REG
I
O = 0 to 4A, 3.3V Vin = 3.3V
0.3
%
Line Regulation
LINE
REG
3.3V Vin = 3.13V to 3.47V, I
o
0.3
%
LDOS(1,2) Output Impedance
Z
OUT
V
GATE(1,2) = 6.5V
1
1.5
k
Ω
LDOS(1,2) Input Impedance
Z
IN
10
k
Ω
Gain (A
OL)
(3)
GAIN
LDO
LDOS (1,2) to GATE (1,2)
50
dB
LDO1 Gate Voltage
Vgate
LDO1
V
STDBY = 5V
8
V
LDO2 Gate Voltage
Vgate
LDO2
V
STDBY = 5V
7
V
Notes:
(1) All electrical characteristics are for the application circuit on page 6.
(2) Soft start function is performed after Vcc is above the UVLO and SS/EN is above 600mV. The Soft start
capacitor is then charged at a 10uA constant current until SS/EN is charged to above 1V.
(3) Guaranteed by design
(4) Tracking Difference is defined as the delta between 3.3V Vin and the LDO1, LDO2 output voltages during the
linear ramp up until regulation is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com