Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DGKR Datasheet(PDF) 10 Page - Rohm

Part # LM393DGKR
Description  TROPHY SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DGKR Datasheet(HTML) 10 Page - Rohm

Back Button LM393DGKR Datasheet HTML 6Page - Rohm LM393DGKR Datasheet HTML 7Page - Rohm LM393DGKR Datasheet HTML 8Page - Rohm LM393DGKR Datasheet HTML 9Page - Rohm LM393DGKR Datasheet HTML 10Page - Rohm LM393DGKR Datasheet HTML 11Page - Rohm LM393DGKR Datasheet HTML 12Page - Rohm LM393DGKR Datasheet HTML 13Page - Rohm LM393DGKR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical Note
10/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
010
20
30
40
SUPPLY VOLTAGE [V]
0
50
100
150
200
010
20
30
40
SUPPLY VOLTAGE [V]
0
50
100
150
200
-50
-25
0
25
50
75
100
125
150
SUPPLY VOLTAGE [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
101214
161820
OUTPUT SINK CURRENT [mA]
0
10
20
30
40
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
10203040
SUPPLY VOLTAGE [V]
-8
-6
-4
-2
0
2
4
6
8
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10203040
SUPPLY VOLTAGE [V]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
●
Reference Data LM2901 family
Input Offset Current – Supply Voltage
Input Bias Current – Supply Voltage
Input Bias Current – Ambient Temperature
Input Offset Voltage – Ambient Temperature
Supply Current – Ambient Temperature
Input Offset Voltage – Supply Voltage
Low Level Output Voltage
– Output Sink Current
(VCC=5[V])
Output Saturation Voltage
– Ambient Temperature
(IOL=4[mA])
Output Sink Current – Ambient Temperature
(VOUT=1.5[V])
Derating Curve
Supply Current – Supply Voltage
Output Saturation Voltage
– Supply Voltage
(IOL=4[mA])
2V
36V
5V
2V
36V
5V
-40℃
25℃
125℃
-40℃
25℃
125℃
2V
5V
36V
36V
5V
2V
-40℃
25℃
125℃
125℃
25℃
-40℃
-40℃
25℃
125℃
2V
5V
LM2901 family
105℃
105℃
105℃
36V
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
-40℃
25℃
125℃
105℃
Fig. 67
Fig. 68
Fig. 69
Fig. 70
Fig. 71
Fig. 72
Fig. 73
Fig. 74
Fig. 75
105℃
105℃
(*)The data above is ability value of sample, it is not guaranteed. LM901family:-40[℃]~+125[℃]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
LM2901 family
LM290PWR
LM2901DR
Fig. 64
Fig. 65
Fig. 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com