Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DGKR Datasheet(PDF) 11 Page - Rohm

Part # LM393DGKR
Description  TROPHY SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DGKR Datasheet(HTML) 11 Page - Rohm

Back Button LM393DGKR Datasheet HTML 7Page - Rohm LM393DGKR Datasheet HTML 8Page - Rohm LM393DGKR Datasheet HTML 9Page - Rohm LM393DGKR Datasheet HTML 10Page - Rohm LM393DGKR Datasheet HTML 11Page - Rohm LM393DGKR Datasheet HTML 12Page - Rohm LM393DGKR Datasheet HTML 13Page - Rohm LM393DGKR Datasheet HTML 14Page - Rohm LM393DGKR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Technical Note
11/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
40
60
80
100
120
140
160
0
10
203040
SUPPLY VOLTAGE [V]
60
70
80
90
100
110
120
130
140
0
10203040
SUPPLY VOLTAGE [V]
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-50
-40
-30
-20
-10
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
25
50
75
100
125
150
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-6
-4
-2
0
2
4
6
-1
0
123
45
INPUT VOLTAGE [V]
0
1
2
3
4
5
-100
-80
-60
-40
-20
0
OVER DRIVE VOLTAGE [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
020
40
60
80
100
OVER DRIVE VOLTAGE [V]
0
1
2
3
4
5
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
●
Reference Data LM2901 family
Response Time (Low to High)
– Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Input Offset Voltage – Input Voltage
(VCC=5V)
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
LM2901 family
Power Supply Rejection Ratio
– Ambient Temperature
Common Mode Rejection Ratio
– Supply Voltage
Common Mode Rejection Ratio
– Ambient Temperature
Input Offset Current – Ambient Temperature
Large Signal Voltage Gain
– Supply Voltage
Large Signal Voltage Gain
– Ambient Temperature
Response Time (Low to High)
– Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Response Time (High to Low)
– Over Drive Voltage
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
Response Time (High to Low)
– Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
-40℃
25℃
125℃
2V
5V
36V
2V
5V
36V
25℃
125℃
-40℃
15V
5V
36V
-40℃
25℃
125℃
5mV overdrive
20mV overdrive
100mV overdrive
125℃
25℃
-40℃
125℃
25℃
-40℃
5mV overdrive
20mV overdrive
100mV overdrive
Fig. 76
Fig. 77
Fig. 78
Fig. 79
Fig. 80
Fig. 81
Fig. 82
Fig. 83
Fig. 84
Fig. 85
Fig. 86
105℃
105℃
105℃
105℃
105℃
(*)The data above is ability value of sample, it is not guaranteed. LM901family:-40[℃]~+125[℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com