Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DGKR Datasheet(PDF) 15 Page - Rohm

Part # LM393DGKR
Description  TROPHY SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DGKR Datasheet(HTML) 15 Page - Rohm

Back Button LM393DGKR Datasheet HTML 10Page - Rohm LM393DGKR Datasheet HTML 11Page - Rohm LM393DGKR Datasheet HTML 12Page - Rohm LM393DGKR Datasheet HTML 13Page - Rohm LM393DGKR Datasheet HTML 14Page - Rohm LM393DGKR Datasheet HTML 15Page - Rohm LM393DGKR Datasheet HTML 16Page - Rohm LM393DGKR Datasheet HTML 17Page - Rohm LM393DGKR Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Technical Note
15/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Derating Curves
0
200
400
600
800
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
Power Dissipation
Power Dissipation
Package
Pd[W]
θ
ja [℃/W]
Package
Pd[W]
θ
ja [℃/W]
SOIC8 (*8)
450
3.6
SOIC14
610
4.9
TSSOP8 (*6)
500
4.0
TSSOP14
870
7.0
MSOP8/VSSOP8 (*7)
470
3.76
Fig.91 Derating Curves
●
Precautions
1) Unused circuits
When there are unused circuits it is recommended that they be connected as in Fig.92,
setting the non-inverting input terminalto a potential within the in-phase input voltage range (VICR).
2) Input terminal voltage
Applying GND + 36V to the input terminal is possible without causing deterioration of the electrical
characteristics or destruction, irrespective of the supply voltage. However, this does not ensure
normal circuit operation.
Please note that the circuit operates normally only when the input voltage is within the common
mode input voltage range of the electric characteristics.
3) Power supply (single / dual)
The op-amp operates when the specified voltage supplied is between Vcc and GND. Therefore, the single supply op-amp can be used as
a dual supply op-amp as well.
4) Power dissipation Pd
Using the unit in excess of the rated power dissipation may cause deterioration in electrical characteristics due to a rise in chip
temperature, including reduced current capability. Therefore, please take into consideration the power dissipation (Pd) under actual
operating conditions and apply a sufficient margin in thermal design. Refer to the thermal derating curves for more information.
5) Short-circuit between pins and erroneous mounting
Incorrect mounting may damage the IC. In addition, the presence of foreign particles between the outputs, the output and the power
supply, or the output and GND may result in IC destruction.
6) Terminal short-circuits
When the output and Vcc terminals are shorted, excessive output current may flow, resulting in undue heat generation and, subsequently,
destruction.
7) Operation in a strong electromagnetic field
Operation in a strong electromagnetic field may cause malfunctions.
8) Radiation
This IC is not designed to withstand radiation.
9) IC handing
Applying mechanical stress to the IC by deflecting or bending the board may cause fluctuations in the electrical characteristics due to
piezoelectric (piezo) effects.
10) Board inspection
Connecting a capacitor to a pin with low impedance may stress the IC. Therefore, discharging the capacitor after every process is
recommended. In addition, when attaching and detaching the jig during the inspection phase, ensure that the power is turned OFF before
inspection and removal. Furthermore, please take measures against ESD in the assembly process as well as during transportation and
storage.
Vcc
-
+
GND
LM393DR/PWR/DGKR
LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR
LM2901DR/PWR/VQDR/VQPWR
θja = (Tj-Ta)/Pd[℃/W]
Fig.92 Disable circuit example
θja = (Tj-Ta)/Pd[℃/W]
LM393DR
LM2903DR/VQDR
LM393PWR
LM2903PWR/VQPWR
LM393PWR
LM2903PWR/VQPWR
LM339PWR
LM2901PWR/VQPWR
LM339DR
LM2901DR/VQDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com