Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DGKR Datasheet(PDF) 3 Page - Rohm

Part # LM393DGKR
Description  TROPHY SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DGKR Datasheet(HTML) 3 Page - Rohm

  LM393DGKR Datasheet HTML 1Page - Rohm LM393DGKR Datasheet HTML 2Page - Rohm LM393DGKR Datasheet HTML 3Page - Rohm LM393DGKR Datasheet HTML 4Page - Rohm LM393DGKR Datasheet HTML 5Page - Rohm LM393DGKR Datasheet HTML 6Page - Rohm LM393DGKR Datasheet HTML 7Page - Rohm LM393DGKR Datasheet HTML 8Page - Rohm LM393DGKR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○
LM2903/2901 family(Unless otherwise specified, Vcc=+5[V])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
Fig.
No
LM2903 family
LM2901 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage
(*2)
VIO
25℃
-
2
7
-
2
7
mV
Vcc=5 to MAX
),VO=1.4[V]
VIC=VIC (min)
88
Full range
-
-
15
-
-
15
Input Offset Current
(*2)
IIO
25℃
-
5
50
-
5
50
nA
VO=1.4[V]
88
Full range
-
-
200
-
-
200
Input Bias Current
(*2)
IIB
25℃
-
25
250
-
25
250
nA
VO=1.4[V]
88
Full range
-
-
500
-
-
500
Common-mode Input
Voltage Range
VICR
25℃
-
-
Vcc
-1.5
-
-
Vcc
-1.5
V
-
88
Full range
-
-
Vcc
-2.0
-
-
Vcc
-2.0
Large Signal Differential
Voltage Amplification
AVD
25℃
25
100
-
25
100
-
V/mV
Vcc=15[V],VOUT=1.4 to 11.4[V],
RL≧15[kΩ],VRL=15[V]
88
High Level
Output Current
IOH
25℃
-
0.1
-
-
0.1
-
nA
VID=1[V], VOH=5[V]
89
Full range
-
-
1
-
-
1
μA
VID=1[V], VOH=MAX
Low Level
Output
Voltage
LM2901
(*3)
VOL
25℃
-
150
400
-
150
500
mV
VIN(-)=1[V],VIN(+)=0[V]
ISINK≦4[mA]
89
LM2901V
(*3)
25℃
-
150
400
-
150
400
Full range
-
-
700
-
-
700
Low Level Output Current
IOL
25℃
6
16
-
6
16
-
mA
VID=-1[V], VOL=1.5[V]
89
Supply Current
ICC
25℃
-
0.8
2
-
0.8
2
mA
RL=∞,Vcc=5V
89
-
1
2.5
-
1
2.5
RL=∞,Vcc=MAX(*7)
Response Time
Tre
25℃
-
1.3
-
-
1.3
-
μs
RL=5.1[Ω],VRL=5[V],CL=15pF
VIN=100[mVp-p],
Overdrive=5[mV]
89
-
0.3
-
-
0.3
-
RL=5.1[kΩ],VRL=5[V], CL=15pF
VIN=TTL-Level input step
Vref=1.4[V]
(*2) Absolute value
(*3) Supply Voltage Maximum Value LM2901DR, LM2901PWR MAX=30[V], LM2901VQDR, LM2901VQPWR MAX=32[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com