Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DGKR Datasheet(PDF) 2 Page - Rohm

Part # LM393DGKR
Description  TROPHY SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DGKR Datasheet(HTML) 2 Page - Rohm

  LM393DGKR Datasheet HTML 1Page - Rohm LM393DGKR Datasheet HTML 2Page - Rohm LM393DGKR Datasheet HTML 3Page - Rohm LM393DGKR Datasheet HTML 4Page - Rohm LM393DGKR Datasheet HTML 5Page - Rohm LM393DGKR Datasheet HTML 6Page - Rohm LM393DGKR Datasheet HTML 7Page - Rohm LM393DGKR Datasheet HTML 8Page - Rohm LM393DGKR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Technical Note
2/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
LM393 family
LM339 family
LM2903 family
LM2901 family
Supply Voltage
Vcc-GND
+36
V
Input Differential Voltage
Vid
±
36
V
Common-mode Input
Vicm
-0.3 to +36
V
Operating Temperature
Topr
0 to +70
-40 to +125
℃
Storage Temperature Range
Tstg
-65 to +150
℃
Maximum Junction Temperature
Tj
+150
℃
●
Electric Characteristics
○
LM393/339 family(Unless otherwise specified, Vcc=+5[V])
Parameter
Symbol
Temperature
range
Limits
Unit
condition
Fig.
No.
LM393 family
LM339 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage
(*1)
VIO
25℃
-
2
7
-
2
7
mV
Vcc=5 to 30[V],VO=1.4[V]
VIC=VIC(min)
88
Full range
-
-
9
-
-
9
Input Offset Current
(*1)
IIO
25℃
-
5
50
-
5
50
nA
VO=1.4[V]
88
Full range
-
-
250
-
-
150
Input Bias Current
(*1)
IIB
25℃
-
25
250
-
25
250
nA
VO=1.4[V]
88
Full range
-
-
400
-
-
400
Common-mode Input
Voltage Range
VICR
25℃
-
-
Vcc-1.5
-
-
Vcc-1.5
V
-
88
Full range
-
-
Vcc-2.0
-
-
Vcc-2.0
Large Signal Differential
Voltage Amplification
AVD
25℃
25
200
-
25
200
-
V/mA
Vcc=15[V]
VO=1.4 to 11.4[V],
RL≧15[kΩ],VRL=15[V]
88
High Level
Output Current
IOH
25℃
-
0.1
-
-
0.1
-
nA
VID=1[V],VO=5[V]
89
Full range
-
-
1
-
-
1
μA
VID=1[V],VO=30[V]
Low Level
Output Voltage
VOL
25℃
-
150
400
-
150
400
mV
VID=-1[V],IOL=4[mA]
89
Full range
-
-
700
-
-
700
Low Level Output Current
IOL
25℃
6
-
-
6
16
-
mA
VID=-1[V],VOL=1.5[V]
89
Supply Current
ICC
25℃
-
0.8
1
-
0.8
2
mA
RL=∞,Vcc=5V
89
Full range
-
-
2.5
-
-
-
RL=∞,Vcc=30[V]
Response Time
Tre
25℃
-
1.3
-
-
1.3
-
μs
RL=5.1[kΩ],VRL=5[V],CL=15pF
VIN=100[mVp-p],
overdrive=5[mV]
89
-
0.3
-
-
0.3
-
RL=5.1[kΩ],VRL=5[V], CL=15pF
VIN=TTL-Level input step
Vref=1.4[V]
(*1) Absolute value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com