Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393DGKR Datasheet(PDF) 16 Page - Rohm

Part # LM393DGKR
Description  TROPHY SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DGKR Datasheet(HTML) 16 Page - Rohm

Back Button LM393DGKR Datasheet HTML 10Page - Rohm LM393DGKR Datasheet HTML 11Page - Rohm LM393DGKR Datasheet HTML 12Page - Rohm LM393DGKR Datasheet HTML 13Page - Rohm LM393DGKR Datasheet HTML 14Page - Rohm LM393DGKR Datasheet HTML 15Page - Rohm LM393DGKR Datasheet HTML 16Page - Rohm LM393DGKR Datasheet HTML 17Page - Rohm LM393DGKR Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Technical Note
16/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Ordering part number
L
M
2
9
0
3
V
Q
D
R
Family name
LM393
LM339
LM2901
LM2903
Operating Voltage
VQ : Tested to 32V
None : Tested to 30V
Package type
D
: SOIC
PW : TSSOP
DGK : MSOP/VSSOP
Packaging and forming specification
R: Embossed tape and reel
(Unit : mm)
(Unit : mm)
SOIC8
0.2
±0.1
234
5
6
7
8
1
4.9
±0.2
0.545
(MAX 5.25 include BURR)
0.42
±0.1
1.27
0.1 S
S
+6
°
−4°
4
°
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin
(Unit : mm)
SOIC14
(Unit : mm)
7
1
8
14
(Max 9.0 include BURR)
+6
°
−4°
1PIN MARK
0.42
−0.04
+0.05
0.22
+ 0.05
−0.03
0.515
8.65
±0.1
4
°
1.27
0.08 M
0.08 S
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin
(Unit : mm)
TSSOP8
0.08 S
0.08 M
4
± 4
234
8765
1
1PIN MARK
0.525
0.245
+0.05
−0.04
0.65
0.145
+0.05
−0.03
3.0
±0.1
(MAX 3.35 include BURR)
S
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2500pcs
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
()
Direction of feed
Reel
1pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com