Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8796 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT8796 Datasheet HTML 12Page - Active-Semi, Inc ACT8796 Datasheet HTML 13Page - Active-Semi, Inc ACT8796 Datasheet HTML 14Page - Active-Semi, Inc ACT8796 Datasheet HTML 15Page - Active-Semi, Inc ACT8796 Datasheet HTML 16Page - Active-Semi, Inc ACT8796 Datasheet HTML 17Page - Active-Semi, Inc ACT8796 Datasheet HTML 18Page - Active-Semi, Inc ACT8796 Datasheet HTML 19Page - Active-Semi, Inc ACT8796 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
STEP-DOWN DC/DC CONVERTERS
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 16 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
REGISTER DESCRIPTIONS
ADDRESS
DATA
D7
D6
D5
D4
D3
D2
D1
D0
20h
R
VRANGE
VSET
21h
MODE
22h
R
23h
R
W/E
OK
ON
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
20h
VSET
[5:0]
R/W
REG2 Output Voltage Selection
See Table 7
20h
VRANGE
[6]
R/W
REG2 Voltage Range
Selection
0
Min VOUT = 1.1V
1
Min VOUT = 1.25V
20h
[7]
R
READ ONLY
21h
MODE
[0]
R/W
Mode Selection
0
PWM/PFM
1
Forced PWM
21h
[7:1]
R
READ ONLY
22h
[7:0]
R
READ ONLY
23h
ON
[0]
R/W
0
1
23h
OK
[1]
R
REG2 Power-OK
0
Output is not OK
1
Output is OK
23h
[2]
W/E
WRITE-EXACT
23h
[7:3]
R
READ ONLY
REG2 Enable
REG2 Disable
REG2 Enable
Note: See Table 1 for default register settings.
Table 5:
REG2 Control Register Map
Table 6:
REG2 Control Register Bit Descriptions
R: Read-Only bits. Default Values May Vary.
W/E: Write-Exact bits. Read/Write bits which must be written exactly as specified in Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com