Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8796 Datasheet(PDF) 32 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 32 Page - Active-Semi, Inc

Back Button ACT8796 Datasheet HTML 26Page - Active-Semi, Inc ACT8796 Datasheet HTML 27Page - Active-Semi, Inc ACT8796 Datasheet HTML 28Page - Active-Semi, Inc ACT8796 Datasheet HTML 29Page - Active-Semi, Inc ACT8796 Datasheet HTML 30Page - Active-Semi, Inc ACT8796 Datasheet HTML 31Page - Active-Semi, Inc ACT8796 Datasheet HTML 32Page - Active-Semi, Inc ACT8796 Datasheet HTML 33Page - Active-Semi, Inc ACT8796 Datasheet HTML 34Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 32 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
General Description
REG4, REG5, and REG6 are low-noise, low-
dropout linear regulators (LDOs) that are optimized
for low noise and high-PSRR operation, achieving
more than 60dB PSRR at frequencies up to 10kHz.
LDO Output Voltage Programming
All LDOs feature independently-programmable
output voltages that are set via the I2C serial
interface, increasing the ACT8796’s flexibility while
reducing total solution size and cost. Set the output
voltage by writing to the REG456CFG/VSETx[ ]
registers.
Output Current Capability
REG4, REG5, and REG6 each supply an output
current of 250mA. Excellent performance is
achieved over this load current range.
Output Current Limit
In order to ensure safe operation under over-load
conditions, each LDO features current-limit circuitry
with current fold-back. The current-limit circuitry
limits the current that can be drawn from the output,
providing protection in over-load conditions. For
additional protection under extreme over current
conditions, current-fold-back protection reduces the
current-limit by approximately 30% under extreme
overload conditions.
Enabling and Disabling the LDOs
REG4 is enabled whenever either of the following
conditions are met:
1) nMSTR is driven low, or
2) PWRHLD is asserted high.
Furthermore, once these conditions are met REG5
and REG6 maybe independently enabled or
disabled via the I2C serial interface by writing the
appropriate REG56/ONx[_] bit.
Power-OK
Each of the LDOs features power-OK status bit that
can be read by the system microprocessor via the
I2C interface. If an output voltage is lower than the
power-OK threshold, typically 6% below the
programmed regulation voltage, the corresponding
REG456CFG/OKx[ ] will clear to 0.
Reference Bypass Pin
The ACT8796 contains a reference bypass pin
which filters noise from the reference, providing a
low noise voltage reference to the LDOs. Bypass
REF to G with a 0.01µF ceramic capacitor.
Optional LDO Output Discharge
Each of the ACT8796’s LDOs features an optional,
independent output voltage discharge feature.
When this feature is enabled, the LDO output is
discharged to ground through a 1kΩ resistance
when the LDO is shutdown. This feature may be
enabled or disabled via the I2C interface by writing
to the REG456CFG/DISx[ ] bits.
Output Capacitor Selection
REG4, REG5, and REG6 each require only a small
ceramic
capacitor
for
stability.
For
best
performance, each output capacitor should be
connected directly between the OUTx and G pins
as possible, with a short and direct connection. To
ensure best performance for the device, the output
capacitor should have a minimum capacitance of
1µF, and ESR value between 10mΩ and 200mΩ.
High quality ceramic capacitors such as X7R and
X5R dielectric types are strongly recommended.
PCB Layout Considerations
PCB Layout Considerations The ACT8796’s LDOs
provide good DC, AC, and noise performance over
a wide range of operating conditions, and are
relatively insensitive to layout considerations. When
designing a PCB, however, careful layout is
necessary to prevent other circuitry from degrading
LDO performance.
A good design places input and output capacitors
as close to the LDO inputs and output as possible,
and utilizes a star-ground configuration for all
regulators
to
prevent
noise-coupling
through
ground. Output traces should be routed to avoid
close proximity to noisy nodes, particularly the SW
nodes of the DC/DCs.
REFBP is a filtered reference noise, and internally
has a direct connection to the linear regulator
controller. Any noise injected onto REFBP will
directly affect the outputs of the linear regulators,
and therefore special care should be taken to
ensure that no noise is injected to the outputs via
REFBP. As with the LDO output capacitors, the
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com