Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8796 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT8796 Datasheet HTML 1Page - Active-Semi, Inc ACT8796 Datasheet HTML 2Page - Active-Semi, Inc ACT8796 Datasheet HTML 3Page - Active-Semi, Inc ACT8796 Datasheet HTML 4Page - Active-Semi, Inc ACT8796 Datasheet HTML 5Page - Active-Semi, Inc ACT8796 Datasheet HTML 6Page - Active-Semi, Inc ACT8796 Datasheet HTML 7Page - Active-Semi, Inc ACT8796 Datasheet HTML 8Page - Active-Semi, Inc ACT8796 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
PIN CONFIGURATION
ORDERING INFORMATION
TOP VIEW
Thin - QFN (TQFN44-24)
OUT3
GA
REFBP
PWRHLD
ON3
SDA
GA
nMSTR
OUT4
1
2
3
4
5
6
18
17
16
15
14
13
19
20
21
22
23
24
12
11
10
9
8
7
OUT2
SCL
ACT8796
EP
nRSTO
PART NUMBER
VOUT1 VOUT2
PACKAGE PINS
TEMPERATURE
RANGE
ACT8796QLGHW-T
3.0V
3.3V
TQFN44-24
24
-40°C to +85°C
VOUT3
1.35V
VOUT4
1.35V
VOUT5
2.8V
VOUT6
1.8V
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Additional output voltage options, as detailed in the Output Voltage Codes table, are available for production subject to minimum order
quantities. Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: All Active-Semi components are RoHS Compliant and with Pb-free plating unless specified differently. The term Pb-free means
semiconductor products that are in compliance with current RoHS (Restriction of Hazardous Substances) standards.
OUTPUT VOLTAGE CODES (VOUT1 AND VOUT2)
C
D
E
F
G
H
1.2V
1.5V
1.8V
2.5V
3.0V
3.3V
I
2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com