Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8796 Datasheet(PDF) 31 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 31 Page - Active-Semi, Inc

Back Button ACT8796 Datasheet HTML 26Page - Active-Semi, Inc ACT8796 Datasheet HTML 27Page - Active-Semi, Inc ACT8796 Datasheet HTML 28Page - Active-Semi, Inc ACT8796 Datasheet HTML 29Page - Active-Semi, Inc ACT8796 Datasheet HTML 30Page - Active-Semi, Inc ACT8796 Datasheet HTML 31Page - Active-Semi, Inc ACT8796 Datasheet HTML 32Page - Active-Semi, Inc ACT8796 Datasheet HTML 33Page - Active-Semi, Inc ACT8796 Datasheet HTML 34Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 31 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT8796QLCIA, VVIN = 5V, TA = 25°C, unless otherwise specified.)
Load Regulation
Load Current (mA)
0.5
0
0.4
0.3
0.2
0.1
0.0
-0.1
-0.2
-0.3
Output Current (mA)
200
Dropout Voltage vs. Output Current
160
50
0
150
100
200
Output Voltage Deviation vs. Temperature
Temperature (°C)
-40
85
10
35
60
LDO Output Voltage Noise
CH1
CH1: VOUTx, 200µV/div (AC COUPLED)
TIME: 200ms/div
CREF = 10nF
25
50
75
100 125 150 175 200 225 250
140
180
120
100
80
60
40
20
0
250
VIN = 3.1V
VIN = 3.3V
VIN = 3.6V
0.5
-0.5
0.4
0.3
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
-0.5
-15
ILOAD = 0mA
Region of Stable COUT ESR vs. Output Current
0.1
1
0.01
250
200
150
100
50
0
Output Current (mA)
Stable ESR
-0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com