Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8796 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT8796 Datasheet HTML 7Page - Active-Semi, Inc ACT8796 Datasheet HTML 8Page - Active-Semi, Inc ACT8796 Datasheet HTML 9Page - Active-Semi, Inc ACT8796 Datasheet HTML 10Page - Active-Semi, Inc ACT8796 Datasheet HTML 11Page - Active-Semi, Inc ACT8796 Datasheet HTML 12Page - Active-Semi, Inc ACT8796 Datasheet HTML 13Page - Active-Semi, Inc ACT8796 Datasheet HTML 14Page - Active-Semi, Inc ACT8796 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
SYSTEM MANAGEMENT
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
nMSTR Enable Input
In most applications, connect nMSTR to an active
low, momentary push-button switch to utilize the
ACT8796's closed-loop enable/disable functionality.
If a momentary-on switch is not used, drive nMSTR
to GA or to a logic low to initiate a startup
sequence.
Enable/Disable Inputs
The ACT8796 provides two manual enable/disable
inputs, PWRHLD and ON3. PWRHLD is the master
enable input. When driven high, PWRHLD enables
REG1, REG2, and REG4, and also activates the
enable/disable control logic for the other regulators.
ON3 is the enable input for REG3, and is active
when either of the following conditions exists:
1) nMSTR is asserted low, or
2) PWRHLD is asserted high.
Power-On Reset Output
The ACT8796 integrates a 260ms power-on reset
generator, reducing system size and cost. nRSTO
is an open-drain output. Connect a 10kΩ or greater
pull-up resistor from nRSTO to an appropriate
voltage supply. nRSTO asserts low upon startup
and remains low until the reset-timeout period
expires, at which point nRSTO goes high-Z.
nIRQ Output
Figure 2 shows two simple circuits that can be used
to generate nIRQ, a processor interrupt signal,
which can be used as part of the ACT8796’s push-
button control logic. This signal is typically used to
drive the interrupt input of the system processor,
and is useful in a variety of software-controlled
enable/disable control routines. Figure 2A provides
an active-low, open-collector push-button status
output that sinks current when nMSTR is driven to a
logic-low. Figure 2B provides an active-high, open-
collector push-button status output that sources
current when nMSTR is driven to a logic-low.
Thermal Shutdown
The
ACT8796
integrates
thermal
shutdown
protection circuitry to prevent damage resulting from
excessive thermal stress, as may be encountered
under fault conditions. This circuitry disables all
regulators if the ACT8796 die temperature exceeds
160°C, and prevents the regulators from being
enabled until the IC temperature drops by 20°C
(typ).
FUNCTIONAL DESCRIPTION (CONT’D)
ACT8796
PB
PB
nMSTR
ACT8796
100k
100k
nIRQ
OUT2
VCC
CPU
500k
OUT2
VCC
nIRQ
100k
100k
INL
(A)
(B)
Figure 2:
Simple Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com