Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8796 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT8796
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8796 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT8796 Datasheet HTML 6Page - Active-Semi, Inc ACT8796 Datasheet HTML 7Page - Active-Semi, Inc ACT8796 Datasheet HTML 8Page - Active-Semi, Inc ACT8796 Datasheet HTML 9Page - Active-Semi, Inc ACT8796 Datasheet HTML 10Page - Active-Semi, Inc ACT8796 Datasheet HTML 11Page - Active-Semi, Inc ACT8796 Datasheet HTML 12Page - Active-Semi, Inc ACT8796 Datasheet HTML 13Page - Active-Semi, Inc ACT8796 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
SYSTEM MANAGEMENT
ACT8796
Rev 2, 16-Nov-09
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
General Description
The
ACT8796
offers
an
array
of
system
management functions that allow it to provide
optimal
performance
in
a
wide
range
of
applications.
I2C Serial Interface
At the core of the ACT8796's flexible architecture is
an I2C interface that permits optional programming
capability to enhance overall system performance.
To ensure compatibility with a wide range of system
processors, the ACT8796 uses standard I2C
commands; I2C write-byte commands are used to
program
the
ACT8796,
and
I2C
read-byte
commands are used to read the ACT8796's internal
registers. The ACT8796 always operates as a slave
device, and is addressed using a 7-bit slave
address followed by an eighth bit, which indicates
whether the transaction is a read-operation or a
write-operation, [1011011x].
SDA is a bi-directional data line and SCL is a clock
input. The master initiates a transaction by issuing a
START condition, defined by SDA transitioning from
high to low while SCL is high. Data is transferred in
8-bit packets, beginning with the MSB, and is
clocked-in on the rising edge of SCL. Each packet
of data is followed by an Acknowledge (ACK) bit,
used to confirm that the data was transmitted
successfully.
For more information regarding the I2C 2-wire serial
interface, go to the NXP website: http://www.nxp.com
System Startup and Shutdown
The
ACT8796
features
a
flexible
control
architecture that supports a variety of software-
controlled enable/disable functions that make it a
simple yet flexible and highly configurable solution.
The ACT8796 is automatically enabled when either
of the following conditions exists:
1) nMSTR is asserted low, or
2) PWRHLD is asserted high.
If either of these conditions is true, the ACT8796
enables REG1, REG2, REG4, and may be REG3
powering up the system processor so that the
startup and shutdown sequences may be controlled
via
software.
These
startup
conditions
are
described in detail below.
Manual Enable Due to Asserting nMSTR Low
System startup is initiated when the user presses
the push-button, asserting nMSTR low. When this
occurs, REG1, REG2, REG3, and REG4 are
enabled and nRSTO is asserted low to hold the
microprocessor in RESET for 260ms. nRSTO goes
high-Z upon expiration of the reset timer, de-
asserting the processor's reset input and allowing
the microprocessor to initiate its power up
sequence.
Once
the
power-up
routine
is
successfully completed, the microprocessor must
assert PWRHLD so that the ACT8796 remains
enabled after the push-button is released by the
user. Upon completion of the start-up sequence the
processor assumes control of the power system
and all further operation is software-controlled.
Manual Enable Due to Asserting PWRHLD High
The ACT8796 is compatible with applications that
do not utilize its push-button control function, and
may be enabled by simply driving PWRHLD to a
logic-high to enable REG1, REG2, and REG4. In
this case, the signal driving PWRHLD controls
enable/disable timing, although software-controlled
enable/disable sequences are still supported if the
processor assumes control of the power system
once the startup sequence is completed.
Shutdown Sequence
Once a successful power-up routine is completed,
the system processor controls the operation of the
power system, including the system shutdown
timing and sequence. When using the application
circuits shown in Figure 2, the nIRQ signal is
asserted when nMSTR is asserted low, providing a
simple means of alerting the system processor
when the user wishes to shut the system down.
Asserting nIRQ interrupts the system processor,
initiating an interrupt service routine in the
processor which will reveal that the user pressed
the push-button. The microprocessor may validate
the input, such as by ensuring that the push-button
is asserted for a minimum amount of time, then
initiates a software controlled power-down routine,
the final step of which is to de-assert the PWRHLD
input, disabling the regulators and shutting the
system down.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com