Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E Datasheet(PDF) 2 Page - Cree, Inc

Part # XP-E
Description  Cree® XLamp® XP-E LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E Datasheet(HTML) 2 Page - Cree, Inc

  XP-E Datasheet HTML 1Page - Cree, Inc XP-E Datasheet HTML 2Page - Cree, Inc XP-E Datasheet HTML 3Page - Cree, Inc XP-E Datasheet HTML 4Page - Cree, Inc XP-E Datasheet HTML 5Page - Cree, Inc XP-E Datasheet HTML 6Page - Cree, Inc XP-E Datasheet HTML 7Page - Cree, Inc XP-E Datasheet HTML 8Page - Cree, Inc XP-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
2
XLAMP XP-E LEDS
FLUX CHARACTERISTICS (T
J = 25°C) - WHITE
The following table provides several base order codes for XLamp XP-E LEDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well
as a complete description of the order-code nomenclature, please consult the XLamp XP Family Binning and Labeling
document.
Color
CCT Range
Base Order Codes
Min Luminous Flux
(lm) @ 350 mA
Order Code
Min.
Max.
Group
Flux (lm)
Cool White
5,000 K
10,000 K
Q4
100
XPEWHT-L1-0000-00C01
Q5
107
XPEWHT-L1-0000-00D01
R2
114
XPEWHT-L1-0000-00E01
R3
122
XPEWHT-L1-0000-00F01
Outdoor
White
4,000 K
5,300 K
Q3
93.9
XPEWHT-01-0000-00BC2
Q4
100
XPEWHT-01-0000-00CC2
Q5
107
XPEWHT-01-0000-00DC2
R2
114
XPEWHT-01-0000-00EC2
Neutral
White
3,700 K
5,000 K
Q3
93.9
XPEWHT-L1-0000-00BE4
Q4
100
XPEWHT-L1-0000-00CE4
Q5
107
XPEWHT-L1-0000-00DE4
80-CRI
White
2,600 K
4,300 K
P4
80.6
XPEWHT-H1-0000-009E7
Q2
87.4
XPEWHT-H1-0000-00AE7
Q3
93.9
XPEWHT-H1-0000-00BE7
Warm
White
2,600 K
3,700 K
P3
73.9
XPEWHT-L1-0000-008E7
P4
80.6
XPEWHT-L1-0000-009E7
Q2
87.4
XPEWHT-L1-0000-00AE7
Q3
93.9
XPEWHT-L1-0000-00BE7
85-CRI
White
2,600 K
3,200 K
P2
67.2
XPEWHT-P1-0000-007E7
P3
73.9
XPEWHT-P1-0000-008E7
P4
80.6
XPEWHT-P1-0000-009E7
90-CRI
White
2,600 K
3,200 K
P2
67.2
XPEWHT-U1-0000-007E7
P3
73.9
XPEWHT-U1-0000-008E7
P4
80.6
XPEWHT-U1-0000-009E7
Notes:
•
Cree maintains a tolerance of ± 7% on flux and power measurements and ±2 on CRI measurements.
•
Typical CRI for Cool White & Neutral White (3,700 K – 10,000 K CCT) is 75.
•
Typical CRI for Outdoor White (4,000 K - 5,300 K CCT) is 70.
•
Typical CRI for Warm White (2,600 K – 3,700 K CCT) is 80.
•
Minimum CRI for 80-CRI White is 80.
•
Minimum CRI for 85-CRI White is 85.
•
Minimum CRI for 90-CRI White is 90.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com