Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E Datasheet(PDF) 1 Page - Cree, Inc

Part # XP-E
Description  Cree® XLamp® XP-E LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E Datasheet(HTML) 1 Page - Cree, Inc

  XP-E Datasheet HTML 1Page - Cree, Inc XP-E Datasheet HTML 2Page - Cree, Inc XP-E Datasheet HTML 3Page - Cree, Inc XP-E Datasheet HTML 4Page - Cree, Inc XP-E Datasheet HTML 5Page - Cree, Inc XP-E Datasheet HTML 6Page - Cree, Inc XP-E Datasheet HTML 7Page - Cree, Inc XP-E Datasheet HTML 8Page - Cree, Inc XP-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PRODUCT FAMILY DATA SHEET
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
Cree
® XLamp® XP-E LEDs
PRODUCT DESCRIPTION
The XLamp XP-E LED combines the
proven lighting-class performance
and reliability of the XLamp XR-E
LED in a package with 80% small-
er footprint. The XLamp XP-E LED
continues Cree’s history of innova-
tion in LEDs for lighting applications
with wide viewing angle, symmetri-
cal package, unlimited floor life and
electrically neutral thermal path.
Cree XLamp LEDs bring high per-
formance and quality of light to
a wide range of lighting applica-
tions,
including
color-changing,
portable and personal, outdoor,
indoor-directional,
transportation,
stage and studio, commercial and
emergency-vehicle lighting.
FEATURES
• Available in white, outdoor
white, 80-CRI, 85-CRI and
90-CRI white, royal blue, blue,
green, amber, red & red-orange
• Maximum drive current: up
to 1 A
• Low thermal resistance: as low
as 9°C/W
• Maximum junction temperature:
150°C
• Wide viewing angle: 115°–130°
• Unlimited floor life at
≤ 30°C/85% RH
• Reflow solderable - JEDEC J-
STD-020C compatible
• Electrically neutral thermal path
• RoHS- and REACH-compliant
• UL-recognized component
(E326295)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
TABLE OF CONTENTS
Flux Characteristics - White ........ 2
Flux Characteristics - Color ......... 3
Characteristics .......................... 5
Relative Spectral Power
Distribution............................... 6
Relative Flux vs. Junction Tempera-
ture ......................................... 7
Electrical Characteristics............. 8
Thermal Design......................... 9
Relative Flux vs. Current ...........10
Relative Flux vs. Current ...........11
Typical Spatial Distribution.........11
Reflow Soldering Characteristics .12
Notes......................................13
Mechanical Dimensions..............14
Tape and Reel ..........................15
Packaging................................16


Similar Part No. - XP-E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E-HEW CREE-XP-E-HEW Datasheet
985Kb / 11P
Cree® XLamp® XP-E High-Efficiency White LEDs
REV 0
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
More results

Similar Description - XP-E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com