Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E Datasheet(PDF) 5 Page - Cree, Inc

Part # XP-E
Description  Cree® XLamp® XP-E LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E Datasheet(HTML) 5 Page - Cree, Inc

  XP-E Datasheet HTML 1Page - Cree, Inc XP-E Datasheet HTML 2Page - Cree, Inc XP-E Datasheet HTML 3Page - Cree, Inc XP-E Datasheet HTML 4Page - Cree, Inc XP-E Datasheet HTML 5Page - Cree, Inc XP-E Datasheet HTML 6Page - Cree, Inc XP-E Datasheet HTML 7Page - Cree, Inc XP-E Datasheet HTML 8Page - Cree, Inc XP-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
5
XLAMP XP-E LEDS
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal Resistance, junction to solder point - white, royal blue, blue
°C/W
9
Thermal Resistance, junction to solder point - green
°C/W
15
Thermal Resistance, junction to solder point - amber, red, red-orange
°C/W
10
Viewing Angle (FWHM) - white
degrees
115
Viewing Angle (FWHM) - royal blue, blue, green, red, red-orange, amber
degrees
130
Temperature coefficient of voltage - white
mV/°C
-4.0
Temperature coefficient of voltage - royal blue, blue
mV/°C
-3.3
Temperature coefficient of voltage - green
mV/°C
-3.8
Temperature coefficient of voltage - red-orange, red
mV/°C
-1.8
Temperature coefficient of voltage - amber
mV/°C
-1.2
ESD Classification (HBM per Mil-Std-883D)
Class 2
DC Forward Current - white, royal blue, blue, green
mA
1000
DC Forward Current - red-orange, red
mA
700
DC Forward Current - amber
mA
500
Reverse Voltage
V
5
Forward Voltage (@ 350 mA) - royal blue, blue, white
V
3.2
3.9
Forward voltage (@ 350 mA) - green
V
3.4
3.9
Forward voltage (@ 350 mA) - red-orange, red, amber
V
2.1
2.5
Forward voltage (@ 500 mA) - amber
V
2.3
Forward voltage (@ 700 mA) - white
V
3.4
Forward voltage (@ 700 mA) - red-orange, red
V
2.3
Forward Voltage (@ 1000 mA) - green
V
3.8
Forward Voltage (@ 1000 mA) - white, royal blue, blue
V
3.5
LED Junction Temperature
°C
150
* The increase of maximum forward current to 1000 mA for XLamp XP-E White is retroactive and applies to all XLamp
XP-E White LEDs produced by Cree. This increase is the result of more extensive testing that was performed after the
initial product launch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com