Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E Datasheet(PDF) 10 Page - Cree, Inc

Part # XP-E
Description  Cree® XLamp® XP-E LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E Datasheet(HTML) 10 Page - Cree, Inc

Back Button XP-E Datasheet HTML 6Page - Cree, Inc XP-E Datasheet HTML 7Page - Cree, Inc XP-E Datasheet HTML 8Page - Cree, Inc XP-E Datasheet HTML 9Page - Cree, Inc XP-E Datasheet HTML 10Page - Cree, Inc XP-E Datasheet HTML 11Page - Cree, Inc XP-E Datasheet HTML 12Page - Cree, Inc XP-E Datasheet HTML 13Page - Cree, Inc XP-E Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
10
XLAMP XP-E LEDS
RELATIVE FLUX VS. CURRENT (T
J = 25°C)
0
50
100
150
200
250
0
100
200
300
400
500
600
700
800
900
1000
Forward Current (mA)
Royal
Blue
Graph 12
Graph 13
0
20
40
60
80
100
120
140
160
180
200
0
100
200
300
400
500
600
700
Forward Current (mA)
Red,
Red-
Orange
Graph 14
0
50
100
150
200
250
0
100
200
300
400
500
600
700
800
900
1000
Forward Current (mA)
White
Blue
Green
0
20
40
60
80
100
120
140
160
0
100
200
300
400
500
Forward Current (mA)
Amber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com