Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP-E Datasheet(PDF) 3 Page - Cree, Inc

Part # XP-E
Description  Cree® XLamp® XP-E LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XP-E Datasheet(HTML) 3 Page - Cree, Inc

  XP-E Datasheet HTML 1Page - Cree, Inc XP-E Datasheet HTML 2Page - Cree, Inc XP-E Datasheet HTML 3Page - Cree, Inc XP-E Datasheet HTML 4Page - Cree, Inc XP-E Datasheet HTML 5Page - Cree, Inc XP-E Datasheet HTML 6Page - Cree, Inc XP-E Datasheet HTML 7Page - Cree, Inc XP-E Datasheet HTML 8Page - Cree, Inc XP-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
3
XLAMP XP-E LEDS
FLUX CHARACTERISTICS (T
J = 25°C) - COLOR
The following table provides several base order codes for XLamp XP-E LEDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well
as a complete description of the order-code nomenclature, please consult the XLamp XP Family Binning and Labeling
document.
Color
Dominant Wavelength Range
Base Order Codes
Min Radiant Flux
(mW) @ 350 mA
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux
(mW)
Royal
Blue
D3
450
D5
465
14
350
XPEROY-L1-0000-00901
15
425
XPEROY-L1-0000-00A01
Color
Dominant Wavelength Range
Base Order
Codes Min
Luminous Flux
(lm) @ 350 mA
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux
(lm)
Blue
B3
465
B6
485
J
23.5
XPEBLU-L1-0000-00W01
K2
30.6
XPEBLU-L1-0000-00Y01
Color
Dominant Wavelength Range
Base Order Codes
Min Luminous
Flux (lm) @ 350
mA
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux
(lm)
Green
G2
520
G4
535
P3
73.9
XPEGRN-L1-0000-00801
P4
80.6
XPEGRN-L1-0000-00901
Q2
87.4
XPEGRN-L1-0000-00A01
Q3
93.9
XPEGRN-L1-0000-00B01
Q4
100
XPEGRN-L1-0000-00C01
Color
Dominant Wavelength Range
Base Order Codes
Min Luminous
Flux (lm) @ 350
mA
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux
(lm)
Amber
A2
585
A3
595
M3
45.7
XPEAMB-L1-0000-00301
N2
51.7
XPEAMB-L1-0000-00401
N3
56.8
XPEAMB-L1-0000-00501
N4
62.0
XPEAMB-L1-0000-00601
Note: Cree maintains a tolerance of +/- 7% on flux and power measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com